Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7878SE Datasheet(PDF) 11 Page - Analog Devices

Part # AD7878SE
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878SE Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7878SE Datasheet HTML 7Page - Analog Devices AD7878SE Datasheet HTML 8Page - Analog Devices AD7878SE Datasheet HTML 9Page - Analog Devices AD7878SE Datasheet HTML 10Page - Analog Devices AD7878SE Datasheet HTML 11Page - Analog Devices AD7878SE Datasheet HTML 12Page - Analog Devices AD7878SE Datasheet HTML 13Page - Analog Devices AD7878SE Datasheet HTML 14Page - Analog Devices AD7878SE Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7878
–11–
REV. A
Positive Full-Scale Adjust
Apply a voltage of 2.9978 V (FS/2 – 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110
and 0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –2.9993 V (–FS/2 + 1/2 LSB) at Vl and ad-
just R2 until the ADC output code flickers between 1000 0000
0000 and 1000 0000 0001.
Figure 17. AD7878 Full-Scale Adjust Circuit
MICROPROCESSOR INTERFACING
The AD7878 high speed bus timing allows direct interfacing to
DSP processors. Due to the complexity of the AD7878 internal
logic, only synchronous interfacing is allowed. This means that
the ADC clock must be the same as, or a derivative of, the pro-
cessor clock. Suitable processor interfaces are shown in Figures
18 to 21.
AD7878–ADSP-2100/TMS32010/TMS32020
All three interfaces use an external timer for conversion control,
allowing the ADC to sample the analog input asynchronously to
the microprocessor. The AD7878
ALFL output interrupts the
processor when the FIFO preprogrammed word count is
reached. The processor then reads the conversion results from
the AD7878 internal FIFO memory.
Figure 18. AD7878–ADSP-2700 Interface
Figure 19. AD7878–TMS32020 Interface
The interfaces to the ADSP-2100 and the TMS32020 gate the
AD7878
CS and the BUSY to provide a signal which drives the
processor into a wait state if a read/write operation to the ADC
is attempted while the ADC track/hold amplifier is going from
the track to the hold mode. This avoids digital feedthrough to
the analog circuitry. The TMS32020 does not have separate
RD and WR outputs to drive the AD7878 DMWR and
DMRD inputs. These are generated from the processor STRB
and R/
W outputs with the addition of some logic gates.
Figure 20. AD7878–TMS32020 Interface
AD7878–M CC8000
This interface also uses an external timer for conversion control
as described for the previous three interfaces. It is discussed
separately because it needs extra logic due to the nature of its
interrupts. The MC68000 has eight levels of external interrupt.
When interrupting this processor one of these levels (0 to 7)
has to be encoded onto the
IPL2–IPL0 inputs. This is achieved
with a 74148 encoder in Figure 21, (interrupt Level 1 is taken
for example purposes only). The MC68000 places this inter-
rupt level on address bits A3 to A1 at the start of the interrupt
service routine. Additional logic is used to decode this interrupt
level on the address bus and the FC2–FC0 outputs to generate
a
VPA signal for the MC68000. This results in an autovectored
interrupt, the start address for the service routine must be
loaded into the appropriate auto vector location during initial-
ization. For further information on the 68000 interrupts con-
sult the 68000 User’s Manual.


Similar Part No. - AD7878SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878SE AD-AD7878SE Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results

Similar Description - AD7878SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
   LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
   LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7572 AD-AD7572 Datasheet
694Kb / 8P
   LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
REV. A
AD7572A AD-AD7572A Datasheet
816Kb / 12P
   LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
REV. A
AD7572AANZ10 AD-AD7572AANZ10 Datasheet
819Kb / 12P
   LC2MOS COMPLETE,HIGH SPEED 12-BIT ADC
REV. A
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com