Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA210A Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SA210A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SA210A Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SA210A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SA210A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SA210A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SA210A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM (V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
55.4
600
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
49.5
600
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
45.5
400
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12.0
42.5
150
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
39.5
50
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
37.5
25
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
35.4
10
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
33.1
5
SA10A
SA10CA
10.0
11.10
12.30
1
17.0
30.0
3
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
28.0
1
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.6
1
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.7
1
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
22.0
1
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.9
1
SA16A
SA16CA
16.0
17.80
19.70
1
26.0
19.6
1
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
5.80
7.60
0.230
0.300
d
2.60
3.60
0.104
0.140
s
0.71
0.86
0.028
0.034
L
LT
d
s
DIA.
DIA.
DO-204AC/DO-15
Transient
Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7


Similar Part No. - SA210A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210A WTE-SA210A Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210A PANJIT-SA210A Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA210A PANJIT-SA210A Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210A PANJIT-SA210A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Won-Top Electronics
SA210A-T3 WTE-SA210A-T3 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA210A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com