Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXA034D101CG Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RXA034D101CG
Description  Thin Film Chip Resistors Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RXA034D101CG Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RXA034D101CG Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RXA034D101CG Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RXA034D101CG Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RXA034D101CG Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimension
Environmental Characteristics
Requirement
Item
Tol. ≦ 0.25%
Tol. > 0.25%
Test Method
Temperature Coefficient of Resistance
(T.C.R.)
As Spec.
MIL-STD-202F Method 304
+25/-55/+25/+125/+25
°C
Short Time Overload
ΔR±0.25%
ΔR±0.5%
JIS-C-5201-1 5.5
RCWV*2.5 or Max. overload voltage for 5 seconds
Insulation Resistance
>1000 M
MIL-STD-202F Method 302
Apply 100VDC for 1 minute
Endurance
ΔR±0.25%
ΔR±0.5%
MIL-STD-202F Method 108A
70
±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Damp Heat with Load
ΔR±0.25%
ΔR±0.5%
MIL-STD-202F Method 103B
40
±2°C, 90~95% R.H. Max. working voltage for 1000
hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
Bending Strength
ΔR±0.25%
ΔR±0.5%
JIS-C-5201-1 6.1.4
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
MIL-STD-202F Method 208H
245
±5°C for 3 seconds
Resistance to Soldering Heat
ΔR±0.25%
ΔR±0.5%
MIL-STD-202F Method 210E
260±5
°C for 10 seconds
Dielectric Withstand Voltage
100V
MIL-STD-202F Method 301
Max. overload voltage for 1 minute
Thermal Shock
ΔR±0.25%
ΔR±0.5%
MIL-STD-202F Method 107G
-55
°C ~150°C, 100 cycles
Low Temperature Operation
ΔR±0.25%
ΔR±0.5%
JIS-C-5201-1 7.1
1 hour, -65
°C, followed by 45 minutes of RCWV
Storage Temperature: 25±3
°C; Humidity < 80%RH
Type
Number of
Resistors
L
W
H
A
B
C
Y
RXA03-4D
4
3.20±0.15
1.60±0.15
0.55±0.10
0.50±0.15
0.80±0.05
0.30±0.15
0.30±0.15
Thin Film Chip
Resistors Array
RXA Series
Unit: mm
Rev.7


Similar Part No. - RXA034D101CG

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
   Absolute encoders - parallel
RXA1H.2204101 IVO-RXA1H.2204101 Datasheet
569Kb / 4P
   Absolute encoders - parallel
logo
List of Unclassifed Man...
RXA43DRAH-S13 ETC-RXA43DRAH-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAN-S13 ETC-RXA43DRAN-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAS-S13 ETC-RXA43DRAS-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
More results

Similar Description - RXA034D101CG

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com