Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15XR101K101PR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RD15XR101K101PR
Description  Radial Leaded, Epoxy Dipped, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RD15XR101K101PR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RD15XR101K101PR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RD15XR101K101PR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PERFORMANCE SPECIFICATIONS
MERITEK
Radial Leaded, Epoxy Dipped
Multilayer Ceramic Capacitors
RD Series
3.Capacitance Range
SIZE
NPO
X7R
Y5V
RD15, RD16
RD20, RD21
1000
pF to 0.1μF
10
pF to 1000pF
8200
pF to 0.1μF
0.1
μF to 1.0μF
0.15
μF to 1μF
Y5V
1.ELECTRICAL
EIA
NPO
X7R
DIELECTRIC
CODE
Temperature Characteristic
0 ±30ppm /
oC , C > 20pF
0 +120 /-4 0 ppm /
oC, C < 20pF
C ±15% maximum
Over - 5 5
oC to +125oC
C ±22%/- 82% maximum
Over -30
oC to +85 oC
Operating Temperature Range
-5 5
oC to + 125 oC
- 5 5
oC to +125 oC
-30
oC to +85 oC
Measuring Conditions for
Capacitance and D.F.
1 MHz, 1 Vrms, C < 1000pF
1 KHz, 1 Vrms
1 KHz, 0.5 Vrms
Dissipation Factor (D.F.)
and Tangent of Loss
Angle (tan )
< 0.1%
< 2.5%
< 5.0%
Insulation Resistance (I.R.)
after 60 secs, charging at
rated
voltage, 25
oC , 55% RH max.
> 100G ohms or > 1000M μ F
Whichever is less
> 1 0 0G ohms or > 1000M μ F
Whichever is less
> 10G ohms or > 1000M μ F
Whichever is less
Voltage Proof 25
oC , 1-5 secs
2.5 x Rated Voltage
2.5 x Rated Voltage
2.5 x Rated Voltage
Capacitance Aging
0
2.5% per decade hour
7% per decade hour
2.ENVIROMENTAL
Test
Test Condition
Post-Test Inspection Requirements
Solderability
Solder 60Sn/40Pb, 235 ±5
oC
Immersion 2 ±0.5 sec.
Depth of Immersion: 1.5 – 2.0mm
At least 95% of leads should be well tinned
Resistance to
Soldering Heat
Immersion in solder bath at 260 ±5
oC for 10 ±1 sec.
Recovery: 24 ±2 hrs. (NPO)
48 ±4 hrs. (X7R, Y5V)
No visible damage.
NPO
X7R
Y5V
C/
oC
< ±5%
± 10%
± 20%
Rapid Change
Of Temperature
-55 to +125
oC (NPO. X7R)
- 25 TO +85
oC (Y5V)
5 cycles, duration : 30 mins.
Recovery: 24 ±2 hrs. (NPO)
48 ±4 hrs. (X7R, Y5V)
No visible damage
Endurance
1000 hrs. at maximum temperature with 1.5 x rated
voltage applied
Recovery: 24 ±2 hrs. (NPO)
48 ±4 hrs. (X7R, Y5V)
No visible damage
X7R
Y 5 V
C/
oC
< ±2%
< ±20%
< ±30%
DF
<
IR
R.C>25S
< 5%
< 10%
0.3%
EIA
NPO


Similar Part No. - RD15XR101K101PR

ManufacturerPart #DatasheetDescription
logo
NEC
RD150E NEC-RD150E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB NEC-RD150EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD150EB SEMTECH_ELEC-RD150EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD150EB1 NEC-RD150EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB2 NEC-RD150EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD15XR101K101PR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com