Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXA034D101DD Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # RXA034D101DD
Description  Thin Film Chip Resistors Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RXA034D101DD Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  RXA034D101DD Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RXA034D101DD Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RXA034D101DD Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RXA034D101DD Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Packaging
Reel Specifications & Packaging Quantity
Type
Packaging
Quantity
Tape width
Reel
Diameter
ΦA
ΦB
ΦC
W
T
RXA03-4D
Paper
5K
8mm
7 inch
178.5±1.5
60
+1/-0
13.0±0.2
9.0±0.5
12.5±0.5
Paper Tape Specification
Type
A
B
W
E
F
P0
P1
P2
ΦD
0
T
RXA03-4D
1.95±0.1
3.50±0.1
8.0±0.2
1.75±0.1
3.5±0.05
4.0±0.1
4.0±0.05
2.0±0.05
1
.
0
0
5
.
1
+
0.85±0.1
Recommend Land Pattern
Type
A
B
C
C1
I
I1
P
P1
RXA03-4D
2.85
3.10
0.45
--
0.80
--
0.80
--
Thin Film Chip
Resistors Array
RXA Series
W
E
F
A
Direction of unreeling
Resistor
Top Tape
Bottom Tape
Paper Tape
ψ D0
P0
P1
P2
Unit: mm
Unit: mm
Unit: mm
B
T
Rev.7


Similar Part No. - RXA034D101DD

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
   Absolute encoders - parallel
RXA1H.2204101 IVO-RXA1H.2204101 Datasheet
569Kb / 4P
   Absolute encoders - parallel
logo
List of Unclassifed Man...
RXA43DRAH-S13 ETC-RXA43DRAH-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAN-S13 ETC-RXA43DRAN-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAS-S13 ETC-RXA43DRAS-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
More results

Similar Description - RXA034D101DD

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com