Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE7.5CA Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # P4KE7.5CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P4KE7.5CA Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  P4KE7.5CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P4KE7.5CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P4KE7.5CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P4KE7.5CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Plastic package.
Glass passivated chip junction in DO-
204AL/DO-41 package.
400W peak pulse power capability on 10/1000μs waveform.
Excellent clamping capability.
Low zener impedance.
Fast response time: typically less than 1.0ps from 0
volt to BV min.
Typical IR less than 1μA above 10V.
High temperature soldering guaranteed: 265
/10 seconds/.375”,
(9.5mm) lead length, 5lbs., (2.3kg) tension.
Case: JEDEC DO-
41 Molded Plastic.
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026.
Polarity: Color
band denotes cathode except Bidirectional.
Mounting Position: Any.
Weight: 0.0
12 ounce, 0.3 grams.
For
Bidirectional, use C or CA suffix for type P4KE6.8 through type P4KE550 (e.g. P4KE6.8C, P4KE550CA);
Electrical characteristics apply in both directions.
Ratings at 25
ambient temperature unless otherwise specified.
D
O-204AL/DO-41
Peak Pulse Power Dissipation on 10/1000 s waveform
. (Note 1 Fig. 1)
PPPM
Minimum
400
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1
Fig. 3)
IPPM
See Table
Amps
Steady State Power Dissipation at TL =75
Lead length .375” (9.5mm)
.
(Fig. 5)
PM(AV)
1.5
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed
on Rated Load
. (JEDEC Method) (Note 2, Fig. 6)
IFSM
40
Amps
Operating junction and Storage Temperature Range
.
TJ ,TSTG
-55 to +175
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
UL E223045
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
per Fig. 2.
2. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minute maximum.
RATING
SYMBOL
VALUE
UNIT
MAXIMUM RATINGS AND CHARACTERISTICS
Transient
P4KE Series
MERITEK
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - P4KE7.5CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE7.5CA SECOS-P4KE7.5CA Datasheet
334Kb / 3P
   400 Peak Power
logo
Pan Jit International I...
P4KE7.5CA PANJIT-P4KE7.5CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
RFE international
P4KE7.5CA RFE-P4KE7.5CA Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
CHENG-YI ELECTRONIC CO....
P4KE7.5CA CHENG-YI-P4KE7.5CA Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE7.5CA LUGUANG-P4KE7.5CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE7.5CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com