Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE540A Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # P6KE540A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P6KE540A Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  P6KE540A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P6KE540A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P6KE540A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P6KE540A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 5 - Steady State Power Dissipation Derating Curve
Figure 6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
RATING AND CHARACTERISTIC CURVES (TA: 25°C UNLESS OTHERWISE SPECIFIED)
Transient
P6KE Series
MERITEK
0.1μs
1.0μs
10μs
100μs
1.0ms
10ms
0.1
1
10
100
Non-repetitive Pulse
Waveform shown in Fig 3.
TA=25ûC
t
d
- Pulse Width (sec.)
T
A
- Ambient Temperature (oC)
0
0
25
25
50
50
75
75
100
100
125
150
175 200
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
V
BR - Reverse Breakdow n Voltage (V)
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @VR
Bi-directional @VR
Tj=25C
f=1.0MHz
Vsig=50mVp-p
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
200
T
L-Le a d Te mpe ra ture(ºC)
0
20
40
60
80
100
120
1
10
100
Number of Cycles at 60 Hz
Figure 4 - Typical Junction Capacitance Uni-Directional
4
Rev 7


Similar Part No. - P6KE540A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P6KE540A SEMITECH-P6KE540A Datasheet
503Kb / 4P
   Glass passivated junction
logo
Vishay Siliconix
P6KE540A VISHAY-P6KE540A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
P6KE540A VISHAY-P6KE540A Datasheet
89Kb / 6P
   TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
P6KE540A VISHAY-P6KE540A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
StarHope
P6KE540A SPSEMI-P6KE540A Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
More results

Similar Description - P6KE540A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com