Electronic Components Datasheet Search |
|
RFB63V101MTA10X16 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION |
|
RFB63V101MTA10X16 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION |
1 / 3 page Rev. 7 Aluminum Electrolytic Capacitors MERITEK RFB Series (High R.C., Long Life) FEATURES Low impedance and long life withstanding 10000 hours load life. Suitable for electronic ballast, adaptor and switching power. SPECIFICATIONS Item Characteristic Operating Temp Range - 40 ~ +105 C Rated Working Voltage 6.3 ~ 100VDC Capacitance Tolerance (120Hz 20 C) 20%(M) Leakage Current (20 C) I 0.01CV or 3(uA) * Whichever is greater after 3 minutes I : Leakage Current ( A) C : Rated Capacitance( F) V : Working Voltage (V) Surge Voltage (20 C) W.V. 6.3 10 16 25 35 50 63 100 S.V. 8 13 20 32 44 63 79 125 Dissipation Factor ( tan ) (120Hz 20 C) Add 0.02 per 1000uF for more than 1000uF W.V. 6.3 10 16 25 35 50 63 100 tan 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 Low Temperature Stability Impedance ratio at 120Hz Rated Voltage (V) 6.3 10 16 25~100 -25 C / +20C 4 3 2 2 -40 C / +20C 8 6 4 3 Load Life After application of W.V. and +105 C ripple current value, the capacitor shall meet the following limits. ( DC + ripple peak voltage rated working voltage ) Rated Voltage (V) 6.3~10 16~100 Life Time D≤6.3mm 4000hrs, D8~10mm 6000hrs, D≥12.5mm 8000hrs D≤6.3mm 5000hrs, D8~10mm 7000hrs, D≥12.5mm 10000hrs Capacitance Change 25% of initial value. Dissipation Factor 200% of initial specified value Leakage Current initial specified value Shelf Life At +105 C no voltage application after 1000 hours, the capacitor shall meet the limits for load life characteristics. ( with voltage treatment ) PART NUMBER SYSTEM DIMENSIONS (mm) D 5 6.3 8 10 12.5 16 18 F 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 a 1.5 1.5 1.5 1.5 1.5 1.5 1.5 RFB 63V 101 M TA 10x16 Meritek Series Rated Voltage Rated Capacitance Express in micro farad(uF), First two digits are significant figures, Third digit denotes number of zeros. ‘R’ denotes decimal point for values less than 10uF Tolerance M - 20% Package Code TA TR Blank Tape & Ammo Tape & Reel Case size – (D) Diameter x (L) Length in mm (Optional) |
Similar Part No. - RFB63V101MTA10X16 |
|
Similar Description - RFB63V101MTA10X16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |