Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RBM
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RBM Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RBM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RBM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RBM Series
(Standard, Miniature Sized)
FEATURES
 One rank smaller case sizes than RB series
 RBM series has high value of CV for general purposes
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
6.3 ~ 100VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.03CV or 4 (A)
Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
63
100
S.V.
8
13
20
32
44
63
79
125
Dissipation Factor ( tan
 )
(120Hz 20
C)
add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
63
100
tan
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50 ~ 100
-25
C / +20C
5
4
3
2
2
2
-40
C / +20C
12
10
8
5
4
3
Load Life
After 1000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
20% of initial value
Dissipation Factor
 150% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 1000 hours the capacitor shall meet the following limits. ( with
voltage treatment )
Capacitance Change
20% of initial
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
PART NUMBER SYSTEM
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
60
120
1K
 10k
W.V.
Multiplier
6.3 ~ 25V
0.85
1.00
1.10
1.20
35 ~ 100V
0.80
1.00
1.15
1.25
RBM 50V 331 M TA 10x16
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)
Temperature(
C)
65
75
85
Multiplier
1.25
1.14
1.00


Similar Part No. - RBM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM RECOM-RBM Datasheet
107Kb / 3P
   ECONOLINE - DC/DC - CONVERTER
RBM-0505 RECOM-RBM-0505 Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RBM-0505DP RECOM-RBM-0505DP Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
More results

Similar Description - RBM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com