Electronic Components Datasheet Search |
|
P6SMB12A Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION |
|
P6SMB12A Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION |
1 / 4 page Peak Pulse Power Dissipation on 10/1000 s wavefor m. (Note 1, Note 2, Fig. 1) PPPM Minimum 600 Watts Peak Pulse Current on 10/1000 s waveform . (Note 1,Fig. 3) IPPM See Table Amps Steady State Power Dissipation at TL =75 Lead length .375” (9.5mm) . ( Note 2, Fig. 5) PM(AV) 5.0 Watts Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load . (JEDEC Method) (Note 3, Fig. 6) IFSM 100 Amps Operating junction and Storage Temperature Range . TJ ,TSTG - 65 to +150 FEATURES MECHANICAL DATA DEVICES FOR BIPOLAR APPLICATION For surface mounted applications in order to optimize board space. Low profile package. Built-in strain relief. Glass passivated junction. Low inductance. Excellent clamping capability. Repetition Rate (duty cycle): 0.01%. Fast response time: typically less than 1.0ps from 0 volt to VBR for Unidirectional types. Typical IR less than 1μA above 10V. High Temperature soldering: 260°C/10 seconds at terminals. SM B/DO-214AA Case: JEDEC DO -214AA. Molded plastic over glass passivated junction. Terminal: Solder plated, solderable per MIL-STD-750, Method 2026. Polarity: Color band denote s cathode except Bidirectional. Standard Packaging: 12mm tape (EIA STD RS-481). Weight: 0.00 3 ounce, 0.093 grams. For Bidirectional use CA suffix for type P6SMB6.8CA through type P6SMB550CA; Electrical characteristics apply in both directions. Ratings at 25 ambient temperature unless otherwise specified. UL E223045 Transient Voltage Suppressors P6SMB Series MERITEK RATING SYMBOL VALUE UNIT Notes: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2. 2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal . 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4pulses per minute maximum. MAXIMUM RATINGS AND CHARACTERISTICS All specifications are subject to change without notice. 1 Rev 7 |
Similar Part No. - P6SMB12A |
|
Similar Description - P6SMB12A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |