Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # P4SMA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P4SMA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  P4SMA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient Voltage Suppressors
SMA Series
MERITEK
t
s
T1
d
T
D1 D
L
Cathode Band
SMA/DO-214AC
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
3.99
4.50
0.157
0.177
D
2.54
2.79
0.100
0.110
D1
1.25
1.65
0.049
0.065
T
4.93
5.28
0.194
0.208
T1
0.7
6
1.52
0.030
0.060
d
-
0.203
-
0.008
s
1.98
2.29
0.078
0.090
t
0.152
0.305
0.006
0.012
PACKAGE DIMENSIONS
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
P4SMA6.8A P4SMA6.8CA 6V8A 6V8C
5.80
6.45
7.14
10
10.5
39.0
1000
P4SMA7.5A P4SMA7.5CA 7V5A 7V5C
6.40
7.13
7.88
10
11.3
36.3
500
P4SMA8.2A P4SMA8.2CA 8V2A 8V2C
7.02
7.79
8.61
10
12.1
33.9
200
P4SMA9.1A P4SMA9.1CA 9V1A 9V1C
7.78
8.65
9.55
1
13.4
30.6
50
P4SMA10A
P4SMA10CA 10A 10C
8.55
9.50
10.50
1
14.5
28.3
10
P4SMA11A
P4SMA11CA 11A 11C
9.40
10.50
11.60
1
15.6
26.3
5
P4SMA12A
P4SMA12CA 12A 12C
10.20
11.40
12.60
1
16.7
24.6
5
P4SMA13A
P4SMA13CA 13A 13C
11.10
12.40
13.70
1
18.2
22.5
1
P4SMA15A
P4SMA15CA 15A 15C
12.80
14.30
15.80
1
21.2
19.3
1
P4SMA16A
P4SMA16CA 16A 16C
13.60
15.20
16.80
1
22.5
18.2
1
P4SMA18A
P4SMA18CA 18A 18C
15.30
17.10
18.90
1
25.5
16.1
1
P4SMA20A
P4SMA20CA 20A 20C
17.10
19.00
21.00
1
27.7
14.8
1
P4SMA22A
P4SMA22CA 22A 22C
18.80
20.90
23.10
1
30.6
13.4
1
P4SMA24A
P4SMA24CA 24A 24C
20.50
22.80
25.20
1
33.2
12.3
1
P4SMA27A
P4SMA27CA 27A 27C
23.10
25.70
28.40
1
37.5
10.9
1
SPECIFICATIONS
2
Rev 7


Similar Part No. - P4SMA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
logo
Pan Jit International I...
P4SMA PANJIT-P4SMA Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
P4SMA SEMITECH-P4SMA Datasheet
493Kb / 5P
   Low profile package
More results

Similar Description - P4SMA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com