Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7866 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 2 Page - Analog Devices

  AD7866 Datasheet HTML 1Page - Analog Devices AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD7866–SPECIFICATIONS1
(TA = TMIN to TMAX, VDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, Reference = 2.5 V
External on DCAPA and DCAPB, fSCLK = 20 MHz, unless otherwise noted.)
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to Noise + Distortion (SINAD)
2
68
68
dB min
fIN = 300 kHz Sine Wave, fS = 1 MSPS
Total Harmonic Distortion (THD)2
–75
–75
dB max
fIN = 300 kHz Sine Wave, fS = 1 MSPS
Peak Harmonic or Spurious Noise (SFDR)
2
–76
–76
dB max
fIN = 300 kHz Sine Wave, fS = 1 MSPS
Intermodulation Distortion (IMD)
2
Second Order Terms
–88
–88
dB typ
Third Order Terms
–88
–88
dB typ
Channel to Channel Isolation
–88
–88
dB typ
SAMPLE AND HOLD
Aperture Delay
3
10
10
ns max
Aperture Jitter
3
50
50
ps typ
Aperture Delay Matching3
200
200
ps max
Full Power Bandwidth
12
12
MHz typ
@ 3 dB
2
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1LSB max
B Grade, 0 V to VREF range only;
±0.5 LSB typ
± 1.5
LSB max
0 V to 2
× VREF range; ± 0.5 LSB typ
Differential Nonlinearity
–0.95/+1.25
–0.95/+1.25
LSB max
Guaranteed No Missed Codes to 12 Bits
0 V to VREF Input Range
Straight Binary Output Coding
Offset Error
±8
±8LSB max
Offset Error Match
±1.2
±1.2
LSB typ
Gain Error
±2.5
±2.5
LSB max
Gain Error Match
±0.2
±0.2
LSB typ
2
× VREF Input Range
–VREF to +VREF Biased about VREF with
Positive Gain Error
±2.5
±2.5
LSB max
Two’s Complement Output Coding
Zero Code Error
±8
±8LSB max
Zero Code Error Match
±0.2
±0.2
LSB typ
Negative Gain Error
±2.5
±2.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
V
RANGE Pin Low upon
CS Falling Edge
0 to 2
× V
REF 0 to 2
× V
REF
V
RANGE Pin High upon
CS Falling Edge
DC Leakage Current
±500
±500
nA max
Input Capacitance
30
30
pF typ
When in Track
10
10
pF typ
When in Hold
REFERENCE INPUT/OUTPUT
Reference Input Voltage
2.5
2.5
V
±1% for Specified Performance
Reference Input Voltage Range
4
2/3
2/3
V min/V max REF SELECT Pin Tied High
DC Leakage Current
±30
±30
µA max
VREF Pin;
±160
±160
µA max
DCAPA, DCAPB Pins;
Input Capacitance
20
20
pF typ
Reference Output Voltage
5
2.45/2.55
2.45/2.55
V min/V max
VREF Output Impedance
6
25
25
Ω typ
VDD = 5 V
45
45
Ω typ
VDD = 3 V
Reference Temperature Coefficient
50
50
ppm/
°C typ
REF OUT Error (TMIN to TMAX)
±15
±15
mV typ
LOGIC INPUTS
Input High Voltage, VINH
0.7 VDRIVE
0.7 VDRIVE
V min
Input Low Voltage, VINL
0.3 VDRIVE
0.3 VDRIVE
V max
Input Current, IIN
±1
±1
µA max
Typically 15 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN
3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2 VDRIVE – 0.2
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±1
±1
µA max
VDD = 2.7 V to 5.25 V
Floating-State Output Capacitance
3
10
10
pF max
Output Coding
Straight (Natural) Binary
Selectable with Either Input Range
Two’s Complement


Similar Part No. - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
More results

Similar Description - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com