Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASP-103612-05 Datasheet(PDF) 2 Page - Samtec, Inc

Part No. ASP-103612-05
Description  VITA 42 (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-103612-05 Datasheet(HTML) 2 Page - Samtec, Inc

  ASP-103612-05 Datasheet HTML 1Page - Samtec, Inc ASP-103612-05 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2500 6.350
.9000 22.860
'A'
RECOMMENDED BOARD LAYOUT
01
19
.0100 0.254
TRACE
.0200 0.508
PAD
.0100 0.254
VIA (PLATED)
.0250 0.635
PAD
.0310 0.787
FREE OF SOLDER MASK
.0250 0.635
45°
DETAIL 'A'
SCALE 12 : 1
.900 22.86
.050 1.27
(TYP)
.250 6.35
.050 1.27
(TYP)
.0250 0.635
(TYP)
01
19
RECOMMENDED STENCIL LAYOUT
STENCIL TO BE .0060[0.152] THICK
A
B
C
D
E
F
NOTE:
OUTER ROWS MAY NOT NEED VIAS - THIS IS LEFT TO
THE DISCRETION OF THE BOARD DESIGNER.
A
B
C
D
E
F
SHEET OF
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-05
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
B. COOPER 12/08/06
2
2
SHEET SCALE: 3:1
ASP-103612-05
F:\dwg\misc\mktg\ASP-103612-05-MKT.SLDDRW
REVISION E
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322


Similar Part No. - ASP-103612-05

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - ASP-103612-05

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
   CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
Seiko Instruments Inc
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
   42 mAh Mercury Free
International Rectifier
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
   Lead-Free
Anaren Microwave
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
   Lead Free
Amphenol Corporation
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
   lead free
Molex Electronics Ltd.
Molex Electronics Ltd.
0475968811 MOLEX6-0475968811 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free, Halogen-free
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz