Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASP-103612-05 Datasheet(PDF) 1 Page - Samtec, Inc

Part # ASP-103612-05
Description  VITA 42 (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-103612-05 Datasheet(HTML) 1 Page - Samtec, Inc

  ASP-103612-05 Datasheet HTML 1Page - Samtec, Inc ASP-103612-05 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DO NOT
SCALE FROM
THIS PRINT
.134±.003 3.41±0.08
.012 0.31
(SEE NOTE 8)
.309 7.85
.139 3.54
.104
REF
2.64
"A"
"A"
.145 3.68
REF
.095 2.41
REF
.9700
REF
24.638
1.0700
REF
27.178
.320
REF
8.13
.354 8.99
.035
REF
0.89
.9000±.0020 22.860±0.051
(19 POS - 1) X .0500[1.270]
.250 6.35
.017±.010 0.43±0.25
.308±.020 7.82±0.51
C1
4
01
19
A
B
C
D
E
F
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ASP-103597-01-B
1.0000
UL 94 V0, COLOR: BLACK
2
C-226-03-H
114.00
PHOS BRONZE, 521 HARD TEMPER
3
SDB-030-6337
114.00
63% TIN /37% LEAD
4
K-850-650
1.0000
POLYIMIDE FILM
5
CT-ASP1132MS
.00148
CONDUCTIVE POLYMER
SECTION "A"-"A"
1
2
3
SEE NOTE 5
1.732 44.00
REF
.630 16.00
REF
USER DIRECTION OF UN-REELING
POCKET NOT DETAILED
5
C
PACKAGING VIEW
ANY REV MADE TO THIS PRINT MUST HAVE AN UPDATED MKT PRINT
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01
2
.XXX: .005
.XXXX: .0020
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-05
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
B. COOPER 12/08/06
2
1
SHEET SCALE: 3:1
F:\dwg\misc\mktg\ASP-103612-05-MKT.SLDDRW
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000003 FLASH GOLD OVER .000050 NICKEL
REVISION E
NOTES:
1. ASP-103597-01-B BODY FOR NON-STANDARD 19 POSITION.
2.
REPRESENTS A CRITICAL DIMENSION.
3. BURR ALLOWANCE: .0005[.013] MAX.
4. MINIMUM PUSHOUT FORCE: .5 LB.
5. CONTACT TO BE FLUSH TO ±.002[.05] RECESSED.
6. ONE REEL MINIMUM PLATING REQUIREMENT (85,000 CONTACTS PER REEL).
7. ALL DIMS TO BE SYMMETRICAL ABOUT THE CENTERLINE WITHIN ±.001[.03].
8. .0025[.064] MAX VARIATION BETWEEN SOLDERBALLS.
9. REFER TO VISUAL INSPECTION BOARD FOR SOLDERBALL APPEARANCE CHECKS.
10. THE DISTANCE FROM THE CENTER OF ANY SOLDERBALL TO THE
CENTER OF ANY ADJACENT INNER PEG SHALL BE .025±.005[.64±.13].
11. SOLDER JOINTS TO BE INSPECTED PER IPC SPECIFICATION 12.2.12 (IPC-A-610C).
12. PARTS TO BE PACKAGED IN TAPE & REEL. FOR QTY'S LESS THAN 125 PCS, NO TRAILER
OR LEADER WILL BE SUPPLIED.
13. NOTE DELETED.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322


Similar Part No. - ASP-103612-05

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - ASP-103612-05

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
   CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
logo
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
   42 mAh Mercury Free
logo
Japan Aviation Electron...
KN01L42SM JAE-KN01L42SM Datasheet
49Kb / 3P
   CONN SOCKET INSULATOR BLOCK, 42
logo
Molex Electronics Ltd.
0475968811 MOLEX6-0475968811 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free, Halogen-free
0475968841 MOLEX6-0475968841 Datasheet
110Kb / 2P
   LGA 1156 ILM Assembly with Straight Lever, Lead-free, Halogen-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com