Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASP-103612-03 Datasheet(PDF) 1 Page - Samtec, Inc

Part No. ASP-103612-03
Description  VITA 42 (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-103612-03 Datasheet(HTML) 1 Page - Samtec, Inc

  ASP-103612-03 Datasheet HTML 1Page - Samtec, Inc ASP-103612-03 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ANY REV MADE TO THIS PRINT MUST HAVE AN UPDATED MKT PRINT
DO NOT
SCALE FROM
THIS PRINT
.134±.003 3.41±0.08
.104
REF
2.64
.012 0.31
(SEE NOTE 9)
"A"
"A"
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ASP-103597-01-B
1.0000
UL 94 V0, COLOR: BLACK
2
C-140-03-H
114.00
PHOS BRONZE, 521 HARD TEMPER
3
SDB-030-6337
114.00
63% TIN /37% LEAD
4
TY-YFS004-19-3-6
.01539
CONDUCTIVE POLYMER
.145 3.68
REF
.095 2.41
REF
.970
REF
24.64
1.070
REF
27.18
.320
REF
8.13
.035
REF
0.89
.900±.002 22.86±0.05
(18 POS x .0500[1.270])
.250 6.35
A
B
C
D
E
F
01
19
SECTION "A"-"A"
1
2
3
CRITICAL DIMENSION INSPECTION INSTRUCTION TABLE
ASSEMBLY OPERATION
IN PROCESS INSPECTION
FILL C-140-03-H
C2, C3
ATTACH SDB-030-6337
C3
FINISHED GOOD INSPECTION
C1, C3
SHEET
OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01
2
.XXX: .005
.XXXX: .0020
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-03
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
J LACKEY 10/18/2006
2
1
SHEET SCALE: 3:1
F:\DWG\MISC\MKTG\ASP-103612-03-MKT.SLDDRW
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000003 FLASH GOLD OVER .000050 NICKEL
NOTES:
1. USE ASP-103597-01-B BODY FOR NON-STANDARD 19 POSITION.
2.
REPRESENTS A CRITICAL DIMENSION.
3. BURR ALLOWANCE: .0005[0.013] MAX.
4. MINIMUM PUSHOUT FORCE: .5 LB.
5. MAXIMUM ALLOWABLE BOW: .002[0.05] INCH/INCH AFTER ASSEMBLY.
6. CONTACT TO BE FLUSH +/-.002.
7. ONE REEL MINIMUM PLATING REQUIREMENT (85,000 CONTACTS PER REEL).
8. ALL DIMS TO BE SYMMETRICAL ABOUT THE CENTERLINE WITHIN ±.001[0.03].
9. .0025[0.064] MAX VARIATION BETWEEN SOLDERBALLS.
10. REFER TO VISUAL INSPECTION BOARD FOR SOLDERBALL APPEARANCE CHECKS.
11. THE DISTANCE FROM THE CENTER OF ANY SOLDERBALL TO THE
CENTER OF ANY ADJACENT INNER PEG SHALL BE .025±.005[0.64±0.13].
12. PARTS TO BE PACKAGED IN TRAYS.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322
REVISION H


Similar Part No. - ASP-103612-03

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-05 SAMTEC-ASP-103612-05 Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - ASP-103612-03

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-05 SAMTEC-ASP-103612-05 Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-04 SAMTEC-ASP-103612-04 Datasheet
661Kb / 2P
   VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
   CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
Seiko Instruments Inc
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
   42 mAh Mercury Free
International Rectifier
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
   Lead-Free
Anaren Microwave
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
   Lead Free
Amphenol Corporation
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
   lead free
Molex Electronics Ltd.
Molex Electronics Ltd.
0475968811 MOLEX6-0475968811 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free, Halogen-free
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz