Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMOC3012 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KMOC3012
Description  Zero Crossing Optoisolators TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3012 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KMOC3012 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:12/30/2011
NO.60P48001
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3012
SHEET 3 OF 6
REV.
2
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
70
mW
Off-State Output Terminal voltage
VDRM
600
VPEAK
On-State R.M.S. Current
IT(RMS)
100
mA
Peak Repetitive Surge Current (PW=10ms.DC 10%)
ITSM
1
A
Output
Power dissipation
PD
300
mW
Total power dissipation
Ptot
330
mW
Isolation voltage 1 minute
Viso
5300
Vrms
Operating temperature
Topr
-40 to +100
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 second
Tsol
260
Electro-optical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
-
1.2
1.4
V
Input
Reverse current
IR
VR=6V
-
-
10
uA
Peak Blocking Current
IDRM
VDRM=600V
-
-
500
nA
Output
ON-State Voltage
VTM
ITM=100mA
-
1.6
3
V
Holding Current
IH
-
0.1
-
mA
Critical rate of rise of OFF-state
voltage
dV/dt VDRM=(1/ 2 )*Rated
600
-
-
V/uS
Inhibit Voltage (MT1-MT2 Voltage
above which device not trigger.)
VINH
IF=10mA
-
10
20
V
Leakage in Inhibited State
IDRM2
IF=Rated IFT, Rated VDRM,
Off State
-
-
500
uA
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ohm
Tranfer
charac-
teristics
Minimum trigger current
IFT
Main Terminal Voltage=3V
-
-
10
mA


Similar Part No. - KMOC3012

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3012 COSMO-KMOC3012 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012H COSMO-KMOC3012H Datasheet
64Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3012H COSMO-KMOC3012H Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012L COSMO-KMOC3012L Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012S COSMO-KMOC3012S Datasheet
57Kb / 6P
   Non Zero Crossing Optoisolators TRIAC
More results

Similar Description - KMOC3012

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3062H COSMO-KMOC3062H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3082S COSMO-KMOC3082S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com