Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPTR90V015 Datasheet(PDF) 17 Page - MERITEK ELECTRONICS CORPORATION

Part No. MPTR90V015
Description  Polymeric PTC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR90V015 Datasheet(HTML) 17 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTR90V015 Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 18Page - MERITEK ELECTRONICS CORPORATION MPTR90V015 Datasheet HTML 19Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Electrical Characteristics (23ºC)
MPTR90V
Resistance Tolerance
Hold
Current
Trip
Current
Max.Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
at 5xIH
IMAX,A
VMAX,Vdc
Pd, W
ohms
ohms
MPTR90V010
0.10
0.20
4.0
40
72/90
0.38
2.50
7.50
MPTR90V015
0.15
0.35
10.0
40
72/90
0.70
2.40
7.00
MPTR90V017
0.17
0.34
3.0
40
72/90
0.48
2.00
8.00
MPTR90V020
0.20
0.40
2.2
40
72/90
0.41
1.83
4.40
MPTR90V025
0.25
0.50
2.5
40
72/90
0.45
1.25
3.00
MPTR90V030
0.30
0.60
3.0
40
72/90
0.49
0.88
2.10
MPTR90V035
0.35
0.75
10.0
40
72/90
1.30
0.70
2.50
MPTR90V040
0.40
0.80
3.8
40
72/90
0.56
0.55
1.29
MPTR90V050
0.50
1.00
4.0
40
72/90
0.77
0.50
1.17
MPTR90V055
0.55
1.20
10.0
40
72/90
1.50
0.40
1.50
MPTR90V065
0.65
1.30
5.3
40
72/90
0.88
0.31
0.72
MPTR90V075
0.75
1.50
6.3
40
72/90
0.92
0.25
0.60
MPTR90V090
0.90
1.80
7.2
40
72/90
0.99
0.20
0.47
MPTR90V110
1.10
2.20
8.2
40
72/90
1.50
0.15
0.38
MPTR90V135
1.35
2.70
9.6
40
72/90
1.70
0.12
0.30
MPTR90V160
1.60
3.20
11.4
40
72/90
1.90
0.09
0.22
MPTR90V185
1.85
3.70
12.6
40
72/90
2.10
0.08
0.19
MPTR90V250
2.50
5.00
15.6
40
72/90
2.50
0.05
0.13
MPTR90V300
3.00
6.00
19.8
40
72/90
2.80
0.04
0.10
MPTR90V375
3.75
7.50
24.0
40
72/90
3.20
0.03
0.08
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
Polymeric PTC
MPTR Series
Rev.7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn