Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE15028 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MJE15028
Description  8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE15028 Datasheet(HTML) 2 Page - Motorola, Inc

  MJE15028 Datasheet HTML 1Page - Motorola, Inc MJE15028 Datasheet HTML 2Page - Motorola, Inc MJE15028 Datasheet HTML 3Page - Motorola, Inc MJE15028 Datasheet HTML 4Page - Motorola, Inc MJE15028 Datasheet HTML 5Page - Motorola, Inc MJE15028 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE15028 MJE15030 MJE15029 MJE15031
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 10 mAdc, IB = 0)
MJE15028, MJE15029
MJE15030, MJE15031
VCEO(sus)
120
150
Vdc
Collector Cutoff Current
(VCE = 120 Vdc, IB = 0)
MJE15028, MJE15029
(VCE = 150 Vdc, IB = 0)
MJE15030, MJE15031
ICEO
0.1
0.1
mAdc
Collector Cutoff Current
(VCB = 120 Vdc, IE = 0)
MJE15028, MJE15029
(VCB = 150 Vdc, IE = 0)
MJE15030, MJE15031
ICBO
10
10
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
10
µAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 0.1 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
(IC = 3.0 Adc, VCE = 2.0 Vdc)
(IC = 4.0 Adc, VCE = 2.0 Vdc)
hFE
40
40
40
20
DC Current Gain Linearity
(VCE From 2.0 V to 20 V, IC From 0.1 A to 3 A)
(NPN TO PNP)
hFE
Typ
2
3
Collector–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
0.5
Vdc
Base–Emitter On Voltage
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product (2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
30
MHz
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT = hfe• ftest.
t, TIME (ms)
0.01
0.01
0.05
1.0
2.0
5.0
10
20
50
500
1.0 k
0.1
0.5
0.2
1.0
0.2
0.1
0.05
Z
θJC(t) = r(t) RθJC
R
θJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 2. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.02
100
200
0.1
0.02
0.01


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn