Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE15028 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJE15028
Description  8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE15028 Datasheet(HTML) 1 Page - Motorola, Inc

  MJE15028 Datasheet HTML 1Page - Motorola, Inc MJE15028 Datasheet HTML 2Page - Motorola, Inc MJE15028 Datasheet HTML 3Page - Motorola, Inc MJE15028 Datasheet HTML 4Page - Motorola, Inc MJE15028 Datasheet HTML 5Page - Motorola, Inc MJE15028 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
. . . designed for use as high–frequency drivers in audio amplifiers.
• DC Current Gain Specified to 4.0 Amperes
hFE = 40 (Min) @ IC = 3.0 Adc
hFE = 20 (Min) @ IC = 4.0 Adc
• Collector–Emitter Sustaining Voltage —
VCEO(sus) = 120 Vdc (Min) — MJE15028, MJE15029
VCEO(sus) = 150 Vdc (Min) — MJE15030, MJE15031
• High Current Gain — Bandwidth Product
fT = 30 MHz (Min) @ IC = 500 mAdc
• TO–220AB Compact Package
MAXIMUM RATINGS
Rating
Symbol
MJE15028
MJE15029
MJE15030
MJE15031
Unit
Collector–Emitter Voltage
VCEO
120
150
Vdc
Collector–Base Voltage
VCB
120
150
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
— Peak
IC
8.0
16
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
0.40
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.5
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
0
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
40
TC
20
60
0
2.0
TA
1.0
3.0
80
140
TC
TA
20
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE15028/D
© Motorola, Inc. 1995
MJE15028
MJE15030
MJE15029
MJE15031
*Motorola Preferred Device
8 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
120 – 150 VOLTS
50 WATTS
*
NPN
PNP
*
*
*
CASE 221A–06
TO–220AB


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn