Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE15028 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MJE15028
Description  8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE15028 Datasheet(HTML) 6 Page - Motorola, Inc

  MJE15028 Datasheet HTML 1Page - Motorola, Inc MJE15028 Datasheet HTML 2Page - Motorola, Inc MJE15028 Datasheet HTML 3Page - Motorola, Inc MJE15028 Datasheet HTML 4Page - Motorola, Inc MJE15028 Datasheet HTML 5Page - Motorola, Inc MJE15028 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJE15028 MJE15030 MJE15029 MJE15031
6
Motorola Bipolar Power Transistor Device Data
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MJE15028/D
*MJE15028/D*


Similar Part No. - MJE15028

ManufacturerPart No.DatasheetDescription
Mospec Semiconductor
Mospec Semiconductor
MJE15028 MOSPEC-MJE15028 Datasheet
208Kb / 4P
   POWER TRANSISTORS(8.0A,120-150V,50W)
ON Semiconductor
ON Semiconductor
MJE15028 ONSEMI-MJE15028 Datasheet
82Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 7
MJE15028 ONSEMI-MJE15028 Datasheet
217Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
Boca Semiconductor Corporation
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
ON Semiconductor
ON Semiconductor
MJE15028 ONSEMI-MJE15028 Datasheet
79Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
More results

Similar Description - MJE15028

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
Motorola, Inc
Motorola, Inc
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
ON Semiconductor
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
Motorola, Inc
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
ON Semiconductor
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
2N6107 ONSEMI-2N6107_11 Datasheet
117Kb / 5P
   7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz