Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE15028 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MJE15028
Description  8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJE15028 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE15028 MJE15030 MJE15029 MJE15031
4
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 8. DC Current Gain
Figure 9. “On” Voltage
IC, COLLECTOR CURRENT (AMP)
200
1K
10
0.1
150
100
70
30
0.2
10
1.0
5.0
2.0
0.5
TJ = 25°C
TJ = 150°C
0.1
IC, COLLECTOR CURRENT (AMP)
1.6
1.2
1.0
0.6
0.2
TJ = 25°C
NPN — MJE15028 MJE15030
PNP — MJE15029 MJE15031
500
1K
200
100
50
20
10
VCE = 2.0 V
VBE(sat) @ IC/IB = 10
VCE(sat) = IC/IB = 20
VBE(on) @ VCE = 2.0 V
1.8
1.4
1.0
0.8
0.4
0
IC/IB = 10
IC, COLLECTOR CURRENT (AMP)
VCC = 80 V
IC/IB = 10
TJ = 25°C
td (NPN, PNP)
tr (PNP)
Figure 10. Turn–On Times
10
IC, COLLECTOR CURRENT (AMP)
5.0
3.0
2.0
1.0
0.5
Figure 11. Turn–Off Times
0.2
0.1
VCC = 80 V
IC/IB = 10, IB1 = IB2
ts (NPN) TJ = 25°C
0.1
1.0
0.5
0.2
0.03
0.01
0.1
0.05
0.02
NPN
PNP
10
0.1
0.2
1.0
5.0
2.0
0.5
10
0.2
1.0
5.0
2.0
0.5
10
0.1
0.2
1.0
5.0
2.0
0.5
10
0.2
1.0
5.0
2.0
0.5
10
0.1
0.2
0.3
5.0
2.0
0.5
50
20
500
TJ = 150°C
TJ = – 55°C
VCE = 2 V
TJ = – 55°C
TJ = 25°C
tr (NPN)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 2.0 V
VCE(sat) = IC/IB = 20
IC/IB = 10
tf (NPN)
tf (PNP)
ts (PNP)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn