Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00CC0WFPV5 Datasheet(PDF) 16 Page - Rohm

Part # BA00CC0WFPV5
Description  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WFPV5 Datasheet(HTML) 16 Page - Rohm

Back Button BA00CC0WFPV5 Datasheet HTML 12Page - Rohm BA00CC0WFPV5 Datasheet HTML 13Page - Rohm BA00CC0WFPV5 Datasheet HTML 14Page - Rohm BA00CC0WFPV5 Datasheet HTML 15Page - Rohm BA00CC0WFPV5 Datasheet HTML 16Page - Rohm BA00CC0WFPV5 Datasheet HTML 17Page - Rohm BA00CC0WFPV5 Datasheet HTML 18Page - Rohm BA00CC0WFPV5 Datasheet HTML 19Page - Rohm BA00CC0WFPV5 Datasheet HTML 20Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●About the order of a power supply injection at the time of power supply separation
Even if the IC power supply is 0V, leak channel is blocked as pull down resistor for power off is placed inside the
IC. The resistor intercepts leak channel from coil power supply. Additionally, there is no order for standing up and down of
coil and IC power supply.
At the time of starting
It doesn’t matter whether coil Power or IC Power becomes activated first.
At the time of power supply OFF
Please turn off after make EN terminal “L”. If power supply voltage of coil power becomes low, coil current increases
due to high boosting, which leads to over current limit. In order to avoid this state, before turning off a power supply
it is necessary to surely set EN to L.
●Input voltage 5V(BD60A00NUX)
The GND noise become big by impedance of PCB boards, so that wake up characteristics might become unstable.
To select input voltage to 5V(input voltage 4.61V over), we recommend under application to insert 4.7Ω
between input voltage line and Vin terminal
SW
VIN
CIN
4.7μF
RISET
24kΩ
COUT
2.2μF
25mA
VIN
2.7V to 5.5V
VOUT
FB
L1
10μH
ISET
GND
EN
PWM
RESET
PWM Input
4.7Ω
IC Power
EN
PWM
VOUT
Coil Power
Free


Similar Part No. - BA00CC0WFPV5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
BA00CC0WFP-E2 ROHM-BA00CC0WFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

Similar Description - BA00CC0WFPV5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com