Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00CC0WTE2 Datasheet(PDF) 17 Page - Rohm

Part # BA00CC0WTE2
Description  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WTE2 Datasheet(HTML) 17 Page - Rohm

Back Button BA00CC0WTE2 Datasheet HTML 12Page - Rohm BA00CC0WTE2 Datasheet HTML 13Page - Rohm BA00CC0WTE2 Datasheet HTML 14Page - Rohm BA00CC0WTE2 Datasheet HTML 15Page - Rohm BA00CC0WTE2 Datasheet HTML 16Page - Rohm BA00CC0WTE2 Datasheet HTML 17Page - Rohm BA00CC0WTE2 Datasheet HTML 18Page - Rohm BA00CC0WTE2 Datasheet HTML 19Page - Rohm BA00CC0WTE2 Datasheet HTML 20Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●PCB Layout
In order to make the most of the performance of this IC, its PCB layout is very important. Characteristics such as efficiency
and ripple and the likes change greatly with PCB layout, which please note carefully
<Input capacitor CIN for coil>
Connect input capacitor CIN as close as possible between coil L1 and GND.
<Schottky barrier diode SBD>
Connect schottky barrier diode SBD as close as possible between coils L1and SW pin.
<Output capacitor COUT>
Connect output capacitor COUT between cathode of SBD and GND.
Make both GND sides of CIN and COUT as close as possible.
<LED current setting resistor RISET(24kΩ)>>
Connect LED current setting resistor RISET(24kΩ) as close as possible between ISET pin and GND.
There is possibility to oscillate when capacity is added to ISET terminal, So pay attention that capacity isn’t added.
<Heat radiation of back side PAD>
PAD is used for improving the efficiency of IC heat radiation. Solder PAD to GND pin.
Moreover, connect ground plane of board using via as shown in the patterns of next page.
The efficiency of heat radiation improves according to the area of ground plane.
<Others>
When those pins are not connected directly near the chip, influence is give to the performance of BD60A00NUX, and
may limit the current drive performance. As for the wire to the inductor, make its resistance component small so as to
reduce electric power consumption and increase the entire efficiency.
The PCB layout in consideration of these is shown in the next page.
SW
VIN
CIN
4.7μF
RISET
24kΩ
COUT
2.2μF
25mA
VIN
2.7V to 4.6V
VOUT
FB
L1
10μH
ISET
GND
EN
PWM
RESET
PWM Input
SBD


Similar Part No. - BA00CC0WTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WT ROHM-BA00CC0WT Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WT ROHM-BA00CC0WT Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WT ROHM-BA00CC0WT Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
More results

Similar Description - BA00CC0WTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com