Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00DD0WCPE2 Datasheet(PDF) 2 Page - Rohm

Part # BA00DD0WCPE2
Description  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WCPE2 Datasheet(HTML) 2 Page - Rohm

  BA00DD0WCPE2 Datasheet HTML 1Page - Rohm BA00DD0WCPE2 Datasheet HTML 2Page - Rohm BA00DD0WCPE2 Datasheet HTML 3Page - Rohm BA00DD0WCPE2 Datasheet HTML 4Page - Rohm BA00DD0WCPE2 Datasheet HTML 5Page - Rohm BA00DD0WCPE2 Datasheet HTML 6Page - Rohm BA00DD0WCPE2 Datasheet HTML 7Page - Rohm BA00DD0WCPE2 Datasheet HTML 8Page - Rohm BA00DD0WCPE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Condition
Maximum applied voltage 1
VMAX1
7
V
VIN, EN, PWM, ISET terminals
Maximum applied voltage 2
VMAX2
45
V
FB, SW, VOUT terminals
BD60A00NUX
Maximum applied voltage 3
VMAX3
31
V
FB, SW, VOUT terminals
BD60A60NUX
Operating temperature range
Topr
-40 to +85
˚C
Storage temperature range
Tstg
-55 to +150
˚C
Power dissipation 1
Pd1
2000
mW
*1
*1 4 layer (ROHM Standard board) has been mounted. When it’s used by more than Ta=25˚C, it’s reduced by 20mW/˚C.
●Recommended Operating Ratings
(Ta=-40˚C to +85˚C)
Parameter
Symbol
Ratings
Unit
Conditions
Operating power supply voltage
VIN
2.7 to 5.5 *
V
VIN terminal
Operating coil voltage
Vcoil
2.3 to 20
V
Coil voltage
*When the operating supply voltage is over 4.61V for BD60A00NUX, please refer the application P.16
●Electrical Characteristics
(Unless otherwise specified, Ta=25˚C, VIN=3.6V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Quiescent Current
Iq
-
0.1
1.0
μA
EN=0V
Current Consumption
(No Boost)
IddNB
-
1.5
3.0
mA
EN=2.8V, PWM=0V
Current Consumption (Boost)
IddB
-
2.5
5.0.
mA
EN=2.8V, PWM=2.8V
[EN, PWM Terminal]
Low Input Voltage range
VthL
-
-
0.5
V
High Input Voltage range
VthH
1.4
-
-
V
Pull down register
Rcnt
65
100
135
kΩ
[Switching Regulator]
FB Terminal Control Voltage
FB
0.56
0.70
0.84
V
Switching Frequency
fSW
-
600
-
kHz
Max Duty
Duty
90
95
-
%
FB=0V
SW Transistor ON Resistor
Ronn
-
0.5
-
Isw=80mA
SW Transistor Leak Current
IqSW
-
0.1
2.0
μA
EN=0V
[Protection]
Over Current Limit
Icoil
-
750
-
mA
*1
Over Voltage Limit
BD60A00NUX
OVP1
40
42
44
V
Detect voltage of VOUT terminal
Over Voltage Limit
BD60A60NUX
OVP2
26
28
30
V
Detect Voltage of VOUT terminal
Over Voltage Limit Hysteresis
OVPhy
-
1
-
V
VOUT Terminal Leak Current
IqVOUT
-
0.1
1.0
μA
EN=0V
Shot key Diode Open Protection
Sop
-
0.2
-
V
Detect Voltage of VOUT terminal
LED Terminal
Over Voltage Protection
LEDOVP
4.4
5.9
6.4
V
PWM=2.8V
Detect Voltage of Low Voltage
UVLO
-
2.2
-
V
VIN falling edge
[Current Driver]
LED Maximum Current
ILMAX
-
-
30
mA
VIN=4V, COUT=1µF
LED Current Accuracy
ILACCU
-
-
±3.0
%
ILED=20mA
LED Current Limit
ILOCP
-
0
0.1
mA
Current Limit Value at
ISET Resistor 1kΩ Setting
LED Leak Current
IqLED
-
0.1
2.0
μA
EN=0V
ISET Terminal Voltage
Iset
-
0.6
-
V
*1 This parameter is tested with DC measurement.


Similar Part No. - BA00DD0WCPE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WCP-E2 ROHM-BA00DD0WCP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-TR ROHM-BA00DD0WCP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
374Kb / 5P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
More results

Similar Description - BA00DD0WCPE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com