Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00CC0WFPE2 Datasheet(PDF) 15 Page - Rohm

Part # BA00CC0WFPE2
Description  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WFPE2 Datasheet(HTML) 15 Page - Rohm

Back Button BA00CC0WFPE2 Datasheet HTML 11Page - Rohm BA00CC0WFPE2 Datasheet HTML 12Page - Rohm BA00CC0WFPE2 Datasheet HTML 13Page - Rohm BA00CC0WFPE2 Datasheet HTML 14Page - Rohm BA00CC0WFPE2 Datasheet HTML 15Page - Rohm BA00CC0WFPE2 Datasheet HTML 16Page - Rohm BA00CC0WFPE2 Datasheet HTML 17Page - Rohm BA00CC0WFPE2 Datasheet HTML 18Page - Rohm BA00CC0WFPE2 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●The separation of the IC power supply and coil power supply
This IC can work in separating the power source in both IC power supply and coil power supply. With this application, it can
obtain that decrease of IC power consumption, and the applied voltage exceeds IC rating 5.5V.
That application is shown in below Figure 8. The coil power supply is connected to high voltage source applied from
adapters. Then the IC power supply is connected to the power supply that should be different from the coil power supply.
Figure 8. Application at the time of power supply separation
Figure 9. Application at the time of power supply common
The number of available LEDs by each power supply voltage condition
Ccoil
4.7μF
SW
VIN
CIN
4.7μF
R1
24kΩ
COUT
2.2μF
25mA
VOUT
FB
L1
10μH
ISET
GND
EN
PWM
RESET
PWM Input
IC Power
2.3V to 4.6V
1 cell Battery
PWM dimming(LED current setting=25mA)
2.7V
3V
4V
5V
6V
7V
8V
9V
10V
11V
12V
13V
14V
15V
16V
17V
18V
19V
20V
2
C、S C、S C、S C、S
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
3
C、S C、S C、S C、S
S
S
×
×
×
×
×
×
×
×
×
×
×
×
×
4
C、S C、S C、S C、S
S
S
S
S
S
×
×
×
×
×
×
×
×
×
×
5
C、S C、S C、S C、S
S
S
S
S
S
S
S
×
×
×
×
×
×
×
×
6
C、S C、S C、S C、S
S
S
S
S
S
S
S
S
S
×
×
×
×
×
×
7
C、S C、S C、S C、S
S
S
S
S
S
S
S
S
S
S
S
×
×
×
×
8
C、S C、S C、S C、S
S
SS
SS
S
S
S
S
SS
×
×
9
C、S C、S C、S C、S
S
SS
SS
S
S
S
S
SS
SS
S
×
10
C、S C、S C、S C、S
SS
S
S
SS
S
S
SS
S
S
SS
S
※ C・・・Vcoil-Vin common power supply
  S・・・Vcoil-Vin separated power supply
×・・・No use due to LED terminal over voltage protection
VIN
LEDs
3セル
2セル
1セル
SW
VIN
CIN
1μF
R1
24kΩ
COUT
2.2μF
25mA
Coil Power
2.3V to 20V
VOUT
FB
L1
10μH
ISET
GND
EN
PWM
RESET
PWM Input
IC Power
2.7V to 4.6V
Step down
DC/DC
2,3cell Battery


Similar Part No. - BA00CC0WFPE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
BA00CC0WFP-E2 ROHM-BA00CC0WFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

Similar Description - BA00CC0WFPE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com