Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00DD0WCPTR Datasheet(PDF) 5 Page - Rohm

Part # BA00DD0WCPTR
Description  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WCPTR Datasheet(HTML) 5 Page - Rohm

  BA00DD0WCPTR Datasheet HTML 1Page - Rohm BA00DD0WCPTR Datasheet HTML 2Page - Rohm BA00DD0WCPTR Datasheet HTML 3Page - Rohm BA00DD0WCPTR Datasheet HTML 4Page - Rohm BA00DD0WCPTR Datasheet HTML 5Page - Rohm BA00DD0WCPTR Datasheet HTML 6Page - Rohm BA00DD0WCPTR Datasheet HTML 7Page - Rohm BA00DD0WCPTR Datasheet HTML 8Page - Rohm BA00DD0WCPTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Main characteristics examples- continued
IC Power=5.0V, Coil Power=4V to 16V
BD60A00NUX
IC Power=5.0V, Coil Power=2.7V to 20V, LED 8serial, LED current =25mA,
coil 1094AS-10M (TOKO), SBD RB060M-60TR (ROHM)
BD60A60NUX
IC Power=5.0V, Coil Power=2.7V to 20V, LED 6serial, LED current =25mA,
coil 1094AS-10M (TOKO), SBD RB521A-40TR (ROHM)
70
75
80
85
90
95
234
56789
10
11
12
13
14
15
16
17
18
19
20
Vcoil (V)
eff1
eff2
eff 1 = (VOUT x ILED) / (Vcoil x Icoil) x100
eff 2 = (VOUT x ILED) / (Vcoil x Icoil + VIN x IVIN) x100
70
75
80
85
90
95
2345678
9
10
11
12
13
14
Vcoil (V)
eff = (VOUT x ILED) / (Vcoil x Icoil + VIN x IVIN) x100


Similar Part No. - BA00DD0WCPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WCP-E2 ROHM-BA00DD0WCP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-TR ROHM-BA00DD0WCP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
374Kb / 5P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
More results

Similar Description - BA00DD0WCPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com