Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7829 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7829
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829 Datasheet(HTML) 3 Page - Analog Devices

  AD7829 Datasheet HTML 1Page - Analog Devices AD7829 Datasheet HTML 2Page - Analog Devices AD7829 Datasheet HTML 3Page - Analog Devices AD7829 Datasheet HTML 4Page - Analog Devices AD7829 Datasheet HTML 5Page - Analog Devices AD7829 Datasheet HTML 6Page - Analog Devices AD7829 Datasheet HTML 7Page - Analog Devices AD7829 Datasheet HTML 8Page - Analog Devices AD7829 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Parameter
Version B
Unit
Test Condition/Comment
CONVERSION RATE
Track/Hold Acquisition Time
200
ns max
See Functional Description Section
Conversion Time
420
ns max
POWER SUPPLY REJECTION
VDD
± 10%
±1
LSB max
POWER REQUIREMENTS
VDD
4.5
V min
5 V
± 10%. For Specified Performance
5.5
V max
VDD
2.7
V min
3 V
± 10%. For Specified Performance
3.3
V max
IDD
Normal Operation
12
mA max
8 mA Typically
Power-Down
5
µA max
Logic Inputs = 0 V or VDD
0.2
µA typ
Power Dissipation
VDD = 3 V
Normal Operation
36
mW max
Typically 24 mW
Power-Down
200 kSPS
9.58
mW typ
500 kSPS
23.94
mW typ
NOTES
1See Terminology section of this data sheet.
2Refer to the Analog Input section for an explanation of the Analog Input(s).
Specifications subject to change without notice.
ORDERING GUIDE
Linearity
Package
Package
Model
Error
Description
Option
AD7822BN
±0.75 LSB
Plastic DIP
N-20
AD7822BR
±0.75 LSB
Small Outline IC
R-20
AD7822BRU
±0.75 LSB
Thin Shrink Small
RU-20
Outline (TSSOP)
AD7825BN
±0.75 LSB
Plastic DIP
N-24
AD7825BR
±0.75 LSB
Small Outline IC
R-24
AD7825BRU
±0.75 LSB
Thin Shrink Small
RU-24
Outline (TSSOP)
AD7829BN
±0.75 LSB
Plastic DIP
N-28
AD7829BR
±0.75 LSB
Small Outline IC
R-28
AD7829BRU
±0.75 LSB
Thin Shrink Small
RU-28
Outline (TSSOP)
2.1V
IOL
200 A
200 A
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 1. Load Circuit for Access Time and Bus
Relinquish Time
AD7822/AD7825/AD7829
–3–
REV. B


Similar Part No. - AD7829

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BN AD-AD7829BN Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Similar Description - AD7829

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com