Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRHV2512T1005FE Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part No. CRHV2512T1005FE
Description  High Voltage Thick Film Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRHV2512T1005FE Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CRHV2512T1005FE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRHV2512T1005FE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRHV2512T1005FE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.
■Packaging
Reel Specifications & Packaging Quantity
Unit: mm
Size
Packaging
Quantity
Tape
Width
Reel
Diameter
ΦA
ΦB
ΦC
W
T
10K
20K
7 inch
178.5±1.5
60
+1/-0
13.0±0.2
9.0±0.5
12.5±0.5
0402....
Paper
40K
5K
10 inch
254±1.0
100±0.5 13.0±0.2
9.5±0.5
13.5±0.5
10K
0603....
0805....
1206....
Paper
20K
8mm
13 inch
330±1.0
100±0.5 13.0±0.2
9.5±0.5
13.5±0.5
4K
7 inch
178.5±1.5
60
+1/-0
13.0±0.5 13.0±0.5 15.5±0.5
2010....
2512....
Embossed
8K
12mm
10 inch
250±1.0
62±0.5
13.0±0.5 12.5±0.5 16.5±0.5
Paper Tape Specifications
Unit: mm
Size
A
B
W
E
F
P0
P1
P2
ΦD
0
T
0402....
0.65±0.10
1.15±0.10
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
2.00±0.05
2.00±0.05
1.50+0.1,-0
0.45±0.10
0603....
1.10±0.10
1.90±0.10
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.70±0.10
0805....
1.60±0.10
2.40±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
1206....
1.90±0.10
3.50±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
Embossed Plastic Tape Specifications
Unit: mm
Size
A
B
W
E
F
P0
P1
P2
ΦD
0
T
2010....
2.8±0.20
5.5±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05
1.50+0.1, -0
1.2
+0
2512....
3.5±0.20
6.7±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05
1.50+0.1, -0
1.2
+0
■Recommend Land Pattern
Unit: mm
Size
A
B
C
0402....
0.50
0.45
0.60
0603....
0.90
0.60
0.90
0805....
1.20
0.70
1.30
1206....
2.00
0.90
1.60
2010....
3.80
0.90
2.80
2512....
3.80
1.60
3.50
B
A
C
W
E
F
ψ D0
P0
A
B
T
ψD11.5+0.25,-0
Embossed Tape
Direction of unreeling
Top Tape
Resistor
P1
P2
W
E
F
A
B
T
Direction of unreeling
Resistor
Top Tape
Bottom Tape
Paper Tape
ψ D0
P0
P1
P2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn