Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE1320 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE1320
Description  POWER TRANSISTOR 2 AMPERES 900 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE1320 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE1320 Datasheet HTML 1Page - Motorola, Inc MJE1320 Datasheet HTML 2Page - Motorola, Inc MJE1320 Datasheet HTML 3Page - Motorola, Inc MJE1320 Datasheet HTML 4Page - Motorola, Inc MJE1320 Datasheet HTML 5Page - Motorola, Inc MJE1320 Datasheet HTML 6Page - Motorola, Inc MJE1320 Datasheet HTML 7Page - Motorola, Inc MJE1320 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJE1320
3
Motorola Bipolar Power Transistor Device Data
0.05
IC, COLLECTOR CURRENT (AMPS)
0.2
0.5
3
5
2
100
VCE = 5 V
TC = 100°C
20
0.3
1
25
°C
3
0.1
0.7
2
5
Figure 1. DC Current Gain
70
50
30
10
7
1
2.5 A
Figure 2. Collector Saturation Region
IB, BASE CURRENT (AMP)
1.2
0.4
0
0.1
2
0.8
TJ = 25°C
1.6
IC = 1 A
2 A
10
5
2
1
0.7
0.5
0.3
0.2
IC, COLLECTOR CURRENT (AMPS)
1.3
0.9
2
IC, COLLECTOR CURRENT (AMPS)
1.6
1.2
0.4
0
0.3
Figure 3. Collector–Emitter Saturation Voltage
0.25 0.3
0.4
2.5
1
1.5
0.5
Figure 4. Base–Emitter Saturation Voltage
IC/IB = 2
1.1
0.7
0.7
0.5
TJ = 100°C
0.8
2
Figure 5. Collector Cutoff Region
10K
VBE, BASE–EMITTER VOLTAGE (VOLTS)
0.1
0
– 0.4
Figure 6. Capacitance Variation
10K
VR, REVERSE VOLTAGE (VOLTS)
Cib
0.2
1K
100
10
1
– 0.2
+ 0.2
+ 0.4
+ 0.6
75
°C
REVERSE
FORWARD
25
°C
VCE = 250 V
5K
2K
1K
500
200
100
50
20
10
0.3 0.5
1
2
5
10
20
50 100
500
2K
300
3K
30
200
0.07
2.4
2.8
7
100
°C
0.25 0.3
0.4
2.5
1
1.5
0.5
0.7
2
30
3
1K
f = 1 MHz
TJ = 25°C
25
°C
TJ = 25°C
IC/IB = 2
TJ = 150°C
125
°C
100
°C
Cob
TYPICAL STATIC CHARACTERISTICS


Similar Part No. - MJE1320

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
Savantic, Inc.
MJE1320 SAVANTIC-MJE1320 Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
MJE1320 SAVANTIC-MJE1320 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
MJE1320 NJSEMI-MJE1320 Datasheet
91Kb / 2P
   NPN Silicon Power Transistor
logo
Inchange Semiconductor ...
MJE1320 ISC-MJE1320 Datasheet
227Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - MJE1320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
Motorola, Inc
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
ON Semiconductor
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
   POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com