Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR3720GTR010G Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR3720GTR010G
Description  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR3720GTR010G Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CSR3720GTR010G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR3720GTR010G Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
Environmental Characteristics
 
Item
Requirement
Test Method
Temperature Coefficient of Resistance
(T.C.R.)
As Spec.
JIS C 5201-1 4.8
IEC 60115-1 4.8
-55
C~+125C, 25C is the reference temperature
Short Time Overload
(0.5%+0.05Ω)
JIS C 5201-1 4.13
IEC 60115-1 4.13
RCWV*2.5 or Max. overload voltage for 5 seconds
(1.0%+0.05Ω)
for high power rating
Insulation Resistance
10G
JIS C 5201-1 4.6
IEC 60115-1 4.6
Max. overload voltage for 1 minute
Endurance
(1.0%+0.05Ω)
JIS C 5201-1 4.25
IEC 60115-1 4.25.1
70
2C, Max. working voltage for 1000 hrs with 1.5 hrs “ON”
and 0.5 hrs “OFF”
Damp Heat with Load
(0.5%+0.05Ω)
JIS C 5201-1 4.24
40
2C, 90~95% R.H., Max. working voltage for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
(0.5%+0.05Ω)
JIS C 5201-1 4.23.2
IEC 60115-1 2.23.2
at +155
C for 1000 hrs
Bending Strength
As Spec.
JIS C 5201‐1 4.33 
IEC 60115-1 4.33
Bending once for 5 seconds with 3mm
2010, 2512 sizes: 2 mm
Solderability
95% min. coverage
JIS C 5201-1 4.17
IEC 60115-1 4.17
245
5C for 3 seconds
Resistance to Soldering Heat
(0.5%+0.05Ω)
JIS C 5201-1 4.18
IEC 60115-1 4.18
260
5C for 10 seconds
Voltage Proof
No breakdown or flashover
JIS C 5201-1 4.7
IEC 60115-1 4.7
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area ≦5%
Total leaching area ≦10%
JIS C 5201-1 4.18
IEC 60068-2-58 8.2.1
260
5C for 30 seconds
Rapid Change of Temperature
(0.5%+0.05Ω)
JIS C 5201-1 4.19
IEC 60115-1 4.19
-55
C to +155C, 5 cycles
Storage Temperature: 25±3°C; Humidity < 80%RH
 
 
 
 
 
 


Similar Part No. - CSR3720GTR010G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSR327 ETC1-CSR327 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR327-08 ETC1-CSR327-08 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR328 ETC1-CSR328 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR328-11 ETC1-CSR328-11 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR329 ETC1-CSR329 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
More results

Similar Description - CSR3720GTR010G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com