Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD781 Datasheet(PDF) 6 Page - Analog Devices

Part # AD781
Description  Complete 700 ns Sample-and-Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD781 Datasheet(HTML) 6 Page - Analog Devices

  AD781 Datasheet HTML 1Page - Analog Devices AD781 Datasheet HTML 2Page - Analog Devices AD781 Datasheet HTML 3Page - Analog Devices AD781 Datasheet HTML 4Page - Analog Devices AD781 Datasheet HTML 5Page - Analog Devices AD781 Datasheet HTML 6Page - Analog Devices AD781 Datasheet HTML 7Page - Analog Devices AD781 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD781
REV. A
–6–
DYNAMIC PERFORMANCE
The AD781 is compatible with 12-bit A-to-D converters in
terms of both accuracy and speed. The fast acquisition time, fast
hold settling time and good output drive capability allow the
AD781 to be used with high speed, high resolution A-to-D
converters like the AD674 and AD7672. The AD781’s fast
acquisition time provides high throughput rates for multichannel
data acquisition systems. Typically, the sample and hold can
acquire a 10 V step in less than 600 ns. Figure 1 shows the
settling accuracy as a function of acquisition time.
0.08
0.06
0.04
0.02
0
0
250
500
750
1000
ACQUISITION TIME – ns
Figure 1. VOUT Settling vs. Acquisition Time
The hold settling determines the required time, after the hold
command is given, for the output to settle to its final specified
accuracy. The typical settling behavior of the AD781 is shown
in Figure 2. The settling time of the AD781 is sufficiently fast to
allow the SHA, in most cases, to directly drive an A-to-D
converter without the need for an added “start convert” delay.
Figure 2. Typical AD781 Hold Mode
HOLD MODE OFFSET
The dc accuracy of the AD781 is determined primarily by the
hold mode offset. The hold mode offset refers to the difference
between the final held output voltage and the input signal at the
time the hold command is given. The hold mode offset arises
from a voltage error introduced onto the hold capacitor by
charge injection of the internal switches. The nominal hold
mode offset is specified for a 0 V input condition. Over the
input range of –5 V to +5 V, the AD781 is also characterized for
an effective gain error and nonlinearity of the held value, as
shown in Figure 3. As indicated by the AD781 specifications,
the hold mode offset is very stable over temperature.
NONLINEARITY
GAIN ERROR
(V
HOLD – V
), mV
OUT
IN
V
, VOLTS
IN
–4
–5
–3
–2
–1
1
2
3
4+5
+1
HOLD MODE OFFSET
–1
Figure 3. Hold Mode Offset, Gain Error and Nonlinearity
For applications where it is important to obtain zero offset, the
hold mode offset may be nulled externally at the input to the
A-to-D converter. Adjustment of the offset may be accom-
plished through the A-to-D itself or by an external amplifier
with offset nulling capability (e.g., AD711). The offset will
change less than 0.5 mV over the specified temperature range.
SUPPLY DECOUPLING AND GROUNDING
CONSIDERATIONS
As with any high speed, high resolution data acquisition system,
the power supplies should be well regulated and free from exces-
sive high frequency noise (ripple). The supply connection to the
AD781 should also be capable of delivering transient currents to
the device. To achieve the specified accuracy and dynamic per-
formance, decoupling capacitors must be placed directly at both
the positive and negative supply pins to common. Ceramic type
0.1
µF capacitors should be connected from V
CC and VEE to
common.
ANALOG
P.S.
DIGITAL
P.S.
+12V
C
–12V
C
+5V
0.1µF
0.1µF
1µF
1µF
1µF
AD781
DIGITAL
DATA
OUTPUT
SIGNAL GROUND
7
9
11
1
15
AD674
INPUTS
+
Figure 4. Basic Grounding and Decoupling Diagram
The AD781 does not provide separate analog and digital ground
leads as is the case with most A-to-D converters. The common
pin is the single ground terminal for the device. It is the refer-
ence point for the sampled input voltage and the held output
voltage and also the digital ground return path. The common
pin should be connected to the reference (analog) ground of the
A-to-D converter with a separate ground lead. Since the analog
and digital grounds in the AD781 are connected internally, the


Similar Part No. - AD781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810 AD-AD7810 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YN AD-AD7810YN Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results

Similar Description - AD781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
   Complete 700 ns Sample-and-hold amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
   Complete 700 ns Sample and Hold Amplifier
REV. A
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
   160 ns Monolithic Sample-and-Hold Amplifier
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
   Complete Very High Speed Sample and Hold Amplifier
REV. B
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com