Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1081AI Datasheet(PDF) 14 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 14 Page - Alpha & Omega Semiconductors

Back Button AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 15Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 16Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 14 of 16
Package Dimensions, SO-8
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
E1
e
E
h
L
θ
Dimensions in millimeters
Min.
1.35
0.10
1.25
0.31
0.17
4.80
3.80
5.80
0.25
0.40
0
°
D
C
L
h x 45
°
7
° (4x)
b
2.20
5.74
0.80
Unit: mm
1.27
A1
A2 A
0.1
θ
Gauge Plane
Seating Plane
0.25
e
8
1
E1
E
Nom.
1.65
1.50
4.90
3.90
1.27 BSC
6.00
Max.
1.75
0.25
1.65
0.51
0.25
5.00
4.00
6.20
0.50
1.27
8
°
Symbols
A
A1
A2
b
c
D
E1
e
E
h
L
θ
Dimensions in inches
Min.
0.053
0.004
0.049
0.012
0.007
0.189
0.150
0.228
0.010
0.016
0
°
Nom.
0.065
0.059
0.193
0.154
0.050 BSC
0.236
Max.
0.069
0.010
0.065
0.020
0.010
0.197
0.157
0.244
0.020
0.050
8
°


Similar Part No. - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
   1.2 A Buck LED Driver
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
   1.2A Buck LED Driver
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
More results

Similar Description - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
logo
SHENZHEN FUMAN ELECTRON...
FM07BTS FUMAN-FM07BTS Datasheet
1Mb / 9P
   1.8A charger driver IC
logo
Alpha & Omega Semicondu...
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
   EZBuck??3A Simple Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com