Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7778 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7778
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7778 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7778 Datasheet HTML 4Page - Analog Devices AD7778 Datasheet HTML 5Page - Analog Devices AD7778 Datasheet HTML 6Page - Analog Devices AD7778 Datasheet HTML 7Page - Analog Devices AD7778 Datasheet HTML 8Page - Analog Devices AD7778 Datasheet HTML 9Page - Analog Devices AD7778 Datasheet HTML 10Page - Analog Devices AD7778 Datasheet HTML 11Page - Analog Devices AD7778 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7776/AD7777/AD7778
–11–
REV. 0
RTN is tied to REFOUT then the analog input range becomes
0 V to 2 V. The fixed 2 V analog input voltage span of the ADC
can range from 1 V to 3 V (RTN = 0 V) to 0 V to 2 V (RTN =
2 V), i.e., with proper biasing, an input signal range from 0.3 V
to 2.3 V can be covered. Both the relative accuracy and differen-
tial nonlinearity performance remains essentially unchanged in
this mode while the SNR and THD performance are typically
2 dB to 3 dB worse than standard.
Changing the Analog Input Voltage Range
By biasing the RTN pin above AGND it is possible to change
the analog input voltage range from its VBIAS
± V
SWING format to
a more traditional 0 V to VREF range. The new input range can
be described as
VOFFSET to (VOFFSET + REFIN)
where 0 V
≤ V
OFFSET 1 V. To produce this range the RTN pin
must be biased to (REFIN – 2 VOFFSET). For instance if
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
R-24
24-Lead Wide-Body SOIC
PIN 1
0.299 (7.6)
0.291 (7.4)
13
12
1
24
0.419 (10.65)
0.394 (10.00)
0.013 (0.32)
0.009 (0.23)
0.005 (1.27)
0.015 (0.40)
0.614 (15.6)
0.598 (15.2)
0.104 (2.65)
0.093 (2.35)
0.012 (0.3)
0.004 (0.1)
0.019 (0.49)
0.014 (0.35)
0.050 (1.27)
BSC
R-28
28-Lead Wide-Body SOIC
PIN 1
0.299 (7.60)
0.291 (7.39)
15
14
1
28
0.414 (10.52)
0.398 (10.10)
0.03 (0.76)
0.02 (0.51)
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.457)
0.708 (18.02)
0.696 (17.67)
0.096 (2.44)
0.089 (2.26)
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.050 (1.27)
BSC
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OF SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.


Similar Part No. - AD7778

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results

Similar Description - AD7778

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
AD7777 AD-AD7777_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com