Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRN2W-103JB Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # FRN2W-103JB
Description  Flame-Proof Fusible Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

FRN2W-103JB Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  FRN2W-103JB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Flame-Proof Fusible Resistors
FRN Series
Superior quality fusible resistors, which are flameproof during
operation
These resistors fuse in less than 30 seconds at 16 times rated power
PART NUMBERING SYSTEMS
FRN
1W - 103
J
TR
Meritek Series
Power Rating
CODE
½W
1WS
1W
2WS
2W
0.5W
1W
1W
2W
2W
Resistance
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal value below 10 ohm
Tolerance
Code
J
Tolerance (%)
± 5
TR: Tape & Reel
B: Bulk
DIMENSIONS
DERATING CURVE
STYLE
DIMENSIONS (mm)
LIMITING ELEMENT VOLTAGE
Normal
Miniature
L
D
d
Normal
Miniature
RESISTANCE RANGE
FRN1/4W
FRN1/2WS
6.3±0.5
2.3±0.3
0.55±0.03
200V
250V
4
R7 ~1K
FRN1/2W
FRN1WS
9.0±0.5
3.2±0.5
0.65±0.03
250V
300V
1 ~1K
FRN1W
FRN2WS
11.5±1.0
4.5±0.5
0.78±0.03
300V
350V
1 ~1K
FRN2W
FRN3WS
15.5±1.0
5.0±0.5
0.78±0.03
350V
400V
1 ~1K
FUSING CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Temperature Coefficient
±350ppm
Short time overload
±(2%+0.05 )
Insulation resistance
1000M
Load life
±(5%+0.05 )
Terminal Strength
Tensile:
2.5kg
Solder ability
95% min overage
Dielectric withstanding voltage
500V
Operating temperature range
-40
oC to +155oC
Tolerance
±
5%
Selection series
E-24
Working voltage
R
P *
at 70
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - FRN2W-103JB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
FRN2W0.47RJP TOKEN-FRN2W0.47RJP Datasheet
368Kb / 4P
   FRN, FKN, FSQ Fusible Resistors
FRN2W0.47RJTB TOKEN-FRN2W0.47RJTB Datasheet
368Kb / 4P
   FRN, FKN, FSQ Fusible Resistors
FRN2W470RJP TOKEN-FRN2W470RJP Datasheet
368Kb / 4P
   FRN, FKN, FSQ Fusible Resistors
FRN2W470RJTB TOKEN-FRN2W470RJTB Datasheet
368Kb / 4P
   FRN, FKN, FSQ Fusible Resistors
FRN2W47KJP TOKEN-FRN2W47KJP Datasheet
368Kb / 4P
   FRN, FKN, FSQ Fusible Resistors
More results

Similar Description - FRN2W-103JB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
   Power Flame Proof Resistors
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
   High Voltage Flame Proof Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com