Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPR2010Q1005DE Datasheet(PDF) 9 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR2010Q1005DE
Description  Pulse Withstanding Thick Film Chip Resistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR2010Q1005DE Datasheet(HTML) 9 Page - MERITEK ELECTRONICS CORPORATION

  CPR2010Q1005DE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR2010Q1005DE Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Continuous Pulse
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so that the
average power dissipated in the resistor was equal to its rated power at 70
°C. Again the limit of acceptance was a shift in resistance of
less than 1% from the initial value.
CPR Series
Pulse Withstanding
Thick Film Chip Resistor
Pulse Voltage(100 ohm)
0805
1206
2010
2512
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration time (s)
Rev.7


Similar Part No. - CPR2010Q1005DE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPR20100R0JE6630 VISHAY-CPR20100R0JE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0JE6631 VISHAY-CPR20100R0JE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0JE6632 VISHAY-CPR20100R0JE6632 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0RE6630 VISHAY-CPR20100R0RE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0RE6631 VISHAY-CPR20100R0RE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
More results

Similar Description - CPR2010Q1005DE

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
   Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com