Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMPE104M2J Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # DMPE104M2J
Description  Metallized Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DMPE104M2J Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  DMPE104M2J Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RV
100V(2A)
250V(2E)
400V(2G)
630V(2J)
DIM.
CAP(
μF)
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
0.010
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
13.0
9.5
6.0
10.0
0.6
0.012
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
0.015
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
0.018
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.022
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.027
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
7.5
10.0
0.6
0.033
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
10.0
6.5
10.0
0.6
13.0
12.5
8.5
10.0
0.6
0.039
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
18.5
12.5
7.5
15.0
0.6
0.047
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
13.0
11.0
7.5
10.0
0.6
18.5
12.5
7.5
15.0
0.6
0.056
13.5
10.0
7.0
10.0
0.6
13.5
10.0
7.0
10.0
0.6
18.0
11.0
6.0
15.0
0.6
19.0
14.0
8.5
15.0
0.8
0.068
13.5
10.0
7.0
10.0
0.6
13.5
10.0
7.0
10.0
0.6
18.0
11.0
6.0
15.0
0.6
19.0
14.0
8.5
15.0
0.8
0.082
13.5
10.0
6.0
10.0
0.6
13.5
10.0
6.5
10.0
0.6
18.0
12.5
7.0
15.0
0.6
19.0
15.0
9.0
15.0
0.8
0.1
13.5
10.0
6.0
10.0
0.6
13.5
10.0
6.5
10.0
0.6
18.0
12.5
7.0
15.0
0.6
19.0
15.0
9.0
15.0
0.8
0.12
13.5
10.5
6.5
10.0
0.6
13.5
10.5
6.5
10.0
0.6
18.5
13.0
7.5
15.0
0.8
24.0
15.5
9.5
20.0
0.8
0.15
13.5
10.5
6.5
10.0
0.6
13.5
10.5
6.5
10.0
0.6
18.5
13.0
7.5
15.0
0.8
24.0
15.5
9.5
20.0
0.8
0.18
13.5
10.5
6.5
10.0
0.6
18.5
11.5
7.0
15.0
0.6
18.5
13.0
8.0
15.0
0.8
24.0
18.5
10.5
20.0
0.8
0.22
13.5
10.5
6.5
10.0
0.6
18.5
11.5
7.0
15.0
0.6
18.5
13.0
8.0
15.0
0.8
24.0
18.5
10.5
20.0
0.8
0.27
13.5
11.5
8.0
10.0
0.6
18.5
13.0
8.0
15.0
0.6
24.0
16.0
9.0
20.0
0.8
24.0
21.5
13.0
20.0
0.8
0.33
13.5
11.5
8.0
10.0
0.6
18.5
13.0
8.0
15.0
0.6
24.0
16.0
9.0
20.0
0.8
24.0
21.5
13.0
20.0
0.8
0.39
18.0
11.5
6.5
15.0
0.8
18.5
14.0
8.0
15.0
0.8
24.0
18.0
10.0
20.0
0.8
30.5
21.0
11.5
27.5
0.8
0.47
18.0
11.5
6.5
15.0
0.8
18.5
14.0
8.0
15.0
0.8
24.0
18.0
10.0
20.0
0.8
30.5
21.0
11.5
27.5
0.8
0.56
18.5
12.5
7.5
15.0
0.8
24.0
14.0
9.0
20.0
0.8
30.5
17.5
10.0
27.5
0.8
35.0
23.0
13.0
31.0
0.8
0.68
18.5
12.5
7.5
15.0
0.8
24.0
14.0
9.0
20.0
0.8
30.5
17.5
10.0
27.5
0.8
35.0
23.0
13.0
31.0
0.8
0.82
18.5
15.0
8.0
15.0
0.8
24.0
17.0
9.5
20.0
0.8
31.0
21.0
11.5
27.5
0.8
35.0
28.0
16.0
31.0
0.8
1.0
18.5
15.0
8.5
15.0
0.8
24.0
17.0
9.5
20.0
0.8
31.0
21.0
11.5
27.5
0.8
35.0
28.0
16.0
31.0
0.8
1.2
24.0
16.0
9.0
20.0
0.8
24.0
19.5
10.0
20.0
0.8
31.5
24.0
14.0
27.5
0.8
1.5
24.0
16.0
9.0
20.0
0.8
24.0
19.5
10.0
20.0
0.8
31.5
24.0
14.0
27.5
0.8
1.8
24.0
17.0
9.0
20.0
0.8
30.0
19.0
10.0
27.5
0.8
35.0
24.5
15.0
31.0
0.8
2.2
24.0
17.0
9.0
20.0
0.8
30.0
19.0
10.0
27.5
0.8
35.0
24.5
15.0
31.0
0.8
2.7
24.0
19.5
11.0
20.0
0.8
30.5
22.5
12.5
27.5
0.8
35.0
30.0
18.0
31.0
0.8
3.3
24.0
19.5
11.0
20.0
0.8
30.5
22.5
12.5
27.5
0.8
35.0
30.0
18.0
31.0
0.8
3.9
31.0
22.0
12.0
27.5
0.8
34.0
23.0
13.0
31.0
0.8
41.0
31.0
19.0
36.0
0.8
4.7
31.0
22.0
12.0
27.5
0.8
34.0
23.0
13.0
31.0
0.8
41.0
31.0
19.0
36.0
0.8
6.8
31.0
25.0
15.0
27.5
0.8
10
31.0
26.0
16.0
27.5
0.8
Custom sizes and leads spacing available upon request
Custom values and tolerances available upon request
Dimensions in millimeters (mm)
MERITEK
Metallized Polyester
Film Capacitors
DMPE Series
(Radial Dipped)
FEATURES
High moisture resistance
Good solderability
Non-inductive construction
Self-healing properties
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85 oC
2.
Capacitance range:
0.01
μF to 10μF
3.
Capacitance tolerance:
±2%(G), ±5%(J), ±10%(K),
±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
PART NUMBERING SYSTEM
DMPE
684
K
2G
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
10
Tolerance
CODE
G
J
K
M
Tolerance (%)
± 2
± 5
± 10
± 20
Rated Voltage
CODE
2A
2E
2G
2J
100V
250V
400V
630V
DMPE are constructed with metallized polyester
film dielectric, tinned copper leads, and an epoxy
resin coating. Applications include blocking,
coupling and decoupling, filtering, and bypassing.
They are ideal for use in telecommunication
equipment, industrial instruments, automatic
control systems, and other electronic apparatus
.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - DMPE104M2J

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
DMPE104M2J-RS MERITEK-DMPE104M2J-RS Datasheet
119Kb / 1P
   Metallized Polyester Film Capacitors-Reduced Size
More results

Similar Description - DMPE104M2J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com