Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7730LEB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7730LEB
Description  Bridge Transducer ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7730LEB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7730LEB Datasheet HTML 1Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 2Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 3Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 4Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 5Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 6Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 7Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 8Page - Analog Devices EVAL-AD7730LEB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7730/AD7730L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Bridge Transducer ADC
FUNCTIONAL BLOCK DIAGRAM
KEY FEATURES
Resolution of 230,000 Counts (Peak-to-Peak)
Offset Drift: 5 nV/ C
Gain Drift: 2 ppm/ C
Line Frequency Rejection: >150 dB
Buffered Differential Inputs
Programmable Filter Cutoffs
Specified for Drift Over Time
Operates with Reference Voltages of 1 V to 5 V
ADDITIONAL FEATURES
Two-Channel Programmable Gain Front End
On-Chip DAC for Offset/TARE Removal
FASTStep™ Mode
AC or DC Excitation
Single Supply Operation
APPLICATIONS
Weigh Scales
Pressure Measurement
GENERAL DESCRIPTION
The AD7730 is a complete analog front end for weigh-scale and
pressure measurement applications. The device accepts low-
level signals directly from a transducer and outputs a serial
digital word. The input signal is applied to a proprietary pro-
grammable gain front end based around an analog modulator.
FASTStep is a trademark of Analog Devices, Inc.
SIGMA-
DELTA
MODULATOR
AD7730
6-BIT
DAC
SERIAL INTERFACE
AND CONTROL LOGIC
REGISTER BANK
CLOCK
GENERATION
PROGRAMMABLE
DIGITAL
FILTER
SIGMA-DELTA A/D CONVERTER
BUFFER
PGA
100nA
AGND
100nA
AVDD
VBIAS
AIN1(+)
AIN1(–)
AIN2(+)/D1
AIN2(–)/D0
ACX
ACX
STANDBY
SYNC
MCLK IN
MCLK OUT
SCLK
CS
DIN
DOUT
RESET
RDY
POL
DGND
AGND
AVDD
DVDD
REF IN(–) REF IN(+)
MUX
REFERENCE DETECT
AC
EXCITATION
CLOCK
CALIBRATION
MICROCONTROLLER
+
+/–
The modulator output is processed by a low pass programmable
digital filter, allowing adjustment of filter cutoff, output rate and
settling time.
The part features two buffered differential programmable gain
analog inputs as well as a differential reference input. The part
operates from a single +5 V supply. It accepts four unipolar
analog input ranges: 0 mV to +10 mV, +20 mV, +40 mV and
+80 mV and four bipolar ranges:
±10 mV, ±20 mV, ±40 mV
and
±80 mV. The peak-to-peak resolution achievable directly
from the part is 1 in 230,000 counts. An on-chip 6-bit DAC
allows the removal of TARE voltages. Clock signals for synchro-
nizing ac excitation of the bridge are also provided.
The serial interface on the part can be configured for three-wire
operation and is compatible with microcontrollers and digital
signal processors. The AD7730 contains self-calibration and
system calibration options, and features an offset drift of less
than 5 nV/
°C and a gain drift of less than 2 ppm/°C.
The AD7730 is available in a 24-pin plastic DIP, a 24-lead
SOIC and 24-lead TSSOP package. The AD7730L is available
in a 24-lead SOIC and 24-lead TSSOP package.
NOTE
The description of the functions and operation given in this data
sheet apply to both the AD7730 and AD7730L. Specifications
and performance parameters differ for the parts. Specifications
for the AD7730L are outlined in Appendix A.


Similar Part No. - EVAL-AD7730LEB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7730LEBZ AD-EVAL-AD7730LEBZ Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
More results

Similar Description - EVAL-AD7730LEB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_12 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
logo
Analog Devices
1B32 AD-1B32_15 Datasheet
548Kb / 8P
   BRIDGE TRANSDUCER SIGNAL CONDITIONER
1B32 AD-1B32 Datasheet
544Kb / 8P
   Bridge Transducer Signal Conditioner
AD22055 AD-AD22055 Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD22055 AD-AD22055_15 Datasheet
218Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com