Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCNPO202K63V2B1 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO202K63V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO202K63V2B1 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO202K63V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO202K63V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO202K63V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO202K63V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO202K63V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO202K63V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 2
CC Series
Temperature stable and general-purpose
disc
capacitors are manufactured from a variety of high
K (dielectric constant) ceramic materials. Circuit
applications include bypass and coupling functions,
wherein a larger amount of capacitance is required
and the circuit is less sensitive to capacitance
change with temperature variations. A number of
dielectrics are offered along with a wide range of
capacitance values and voltage ratings.
SPECIFICATIONS
Operating Temperature
-30
oC to +85oC: Y5E, Y5P
+10
oC to +85oC: V5U, Z5V
Capacitance
Measured at 1 ±0.1KHz, 1Vrms at 25
oC
Temperature
Y5E: ±4.7%
Y5P: ±10%
Z5U: +22/-56%
Z5V: +22/-82%
Rated voltage
50V, 63V and 100V
Quality Factor
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
Y5E, Y5P and Z5U: 2.5% max.
Z5V: 5.0% max.
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
10,000 Mega ohms min. at rated voltage 60 sec.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
100WVDC & Under
Temperature Characteristic
Diameter
D
∅ ±1mm
Y5E
Y5P
Z5U
Z5V
4
100-470
100-1000
1000-2700
1000-5000
5
500-680
1200-1500
3000-3900
5600-8200
6
820-1000
1800-2200
4000-5600
10000
8
1200-2700
2500-5600
6800-10000
22000-33000
10
3000-5600
6200-1000
200000
40000-50000


Similar Part No. - CCNPO202K63V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO202K63V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com