Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMPE106G2J-RS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # DMPE106G2J-RS
Description  Metallized Polyester Film Capacitors-Reduced Size
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DMPE106G2J-RS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  DMPE106G2J-RS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
High moisture resistance
Good solderability
Non-inductive construction
Self-healing properties
SPECIFICATIONS
1.
Operating temperature:
-40
oC to +85 oC
2.
Capacitance range:
0.01
μF to 10μF
3.
Capacitance tolerance:
±2%(G), ±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
PART NUMBERING SYSTEM
DMPE
684
K 2G
-RS
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
10
Tolerance
CODE
G
J
K
M
Tolerance
±2
±5
±10
±20
Rated Voltage
CODE
2A
2E
2G
2J
100V
250V
400V
630V
Reduced Size
DMPE are constructed with metallized polyester
film dielectric, tinned copper leads, and an epoxy
resin coating. Applications include blocking,
coupling and decoupling, filtering, and bypassing.
They are ideal for use in telecommunication
equipment, industrial instruments, automatic
control systems, and other electronic apparatus
.
Rated Voltage
100VDC(2A)
250VDC(2E)
400VDC(2G)
630VDC(2J)
DIM.
CAP(
μF)
W
H
T
P± 1
W
H
T
P± 1
W
H
T
P± 1
W
H
T
P± 1
0.010
10.3
7.4
4.3
7.5
0.6
10.3
7.4
4.3
7.5
0.6
12.0
7.5
4.5
10.0
0.6
0.012
10.3
7.5
4.4
7.5
0.6
10.3
7.5
4.4
7.5
0.6
12.0
7.8
4.5
10.0
0.6
0.015
10.3
7.5
4.4
7.5
0.6
10.3
7.5
4.4
7.5
0.6
12.0
8.2
5.0
10.0
0.6
0.018
10.3
7.5
4.4
7.5
0.6
10.3
7.5
4.4
7.5
0.6
12.0
10.0
4.9
10.0
0.6
0.022
10.3
7.5
4.4
7.5
0.6
10.3
7.9
4.8
7.5
0.6
12.0
10.5
5.3
10.0
0.6
0.027
10.3
7.5
4.4
7.5
0.6
10.3
8.0
5.5
7.5
0.6
12.0
10.9
5.5
10.0
0.6
0.033
10.3
7.5
4.5
7.5
0.6
10.3
9.0
6.0
7.5
0.6
12.0
11.9
6.0
10.0
0.6
0.039
10.3
7.5
4.5
7.5
0.6
12.0
8.0
4.9
10.0
0.6
12.0
13.4
6.0
10.0
0.6
0.047
10.3
7.5
4.5
7.5
0.6
12.0
8.3
5.0
10.0
0.6
12.0
13.5
6.5
10.0
0.6
0.056
10.3
7.9
4.8
7.5
0.6
12.0
10.0
5.0
10.0
0.6
18.5
10.5
5.4
15.0
0.6
0.068
10.3
7.5
4.5
7.5
0.6
12.0
10.5
5.4
10.0
0.6
18.5
11.0
5.8
15.0
0.6
0.082
10.3
8.0
4.9
7.5
0.6
12.0
11.0
5.8
10.0
0.6
18.5
12.0
6.5
15.0
0.6
0.1
10.3
8.4
5.8
7.5
0.6
12.0
12.0
6.3
10.0
0.6
18.5
14.0
6.3
15.0
0.6
0.12
10.3
9.0
6.0
7.5
0.6
18.5
10.0
5.0
15.0
0.6
18.5
14.5
6.3
15.0
0.8
0.15
10.3
10.8
6.0
7.5
0.6
18.5
12.4
5.0
15.0
0.6
18.5
15.4
7.5
15.0
0.8
0.18
12.0
10.3
5.0
10.0
0.6
18.5
12.5
5.4
15.0
0.6
18.5
16.0
8.0
15.0
0.8
0.22
12.0
10.5
5.5
10.0
0.6
18.5
13.0
5.9
15.0
0.6
18.5
16.5
9.0
15.0
0.8
0.27
12.0
11.5
6.0
10.0
0.6
18.5
14.3
6.5
15.0
0.8
26.0
16.5
7.0
22.5
0.8
0.33
12.0
12.0
6.5
10.0
0.6
18.5
14.9
7.0
15.0
0.8
26.0
17.0
7.8
22.5
0.8
0.39
18.5
12.0
4.9
15.0
0.6
18.5
15.4
7.5
15.0
0.8
26.0
17.9
8.5
22.5
0.8
0.47
18.5
12.5
5.3
15.0
0.6
18.5
17.0
7.8
15.0
0.8
26.0
18.5
9.3
22.5
0.8
0.56
12.0
10.9
5.5
10.0
0.6
18.5
13.0
5.5
15.0
0.6
26.0
16.0
6.5
22.5
0.8
26.0
20.0
10.0
22.5
0.8
0.68
12.0
11.9
6.0
10.0
0.6
18.5
13.5
6.0
15.0
0.8
26.0
16.5
7.0
22.5
0.8
26.0
21.0
11.5
22.5
0.8
0.82
12.0
13.5
6.0
10.0
0.6
18.5
14.5
6.5
15.0
0.8
26.0
17.3
7.9
22.5
0.8
31.0
20.5
11.3
27.5
0.8
1.0
12.0
14.0
6.7
10.0
0.6
18.5
15.0
7.4
15.0
0.8
26.0
18.0
8.5
22.5
0.8
31.0
21.9
12.5
27.5
0.8
1.2
18.5
12.8
5.5
15.0
0.6
18.5
15.9
8.0
15.0
0.8
26.0
18.9
9.5
22.5
0.8
31.0
23.0
13.5
27.5
0.8
1.5
18.5
13.4
6.0
15.0
0.8
18.5
16.8
9.0
15.0
0.8
31.0
19.0
9.5
27.5
0.8
31.0
24.7
16.3
27.5
0.8
1.8
18.5
14.4
6.5
15.0
0.8
26.0
15.5
7.5
22.5
0.8
31.0
20.5
11.0
27.5
0.8
31.0
27.0
16.8
27.5
0.8
2.2
18.5
15.0
7.0
15.0
0.8
26.0
16.3
8.5
22.5
0.8
31.0
22.0
11.0
27.5
0.8
31.0
29.0
19.5
27.5
0.8
2.7
18.5
15.8
8.0
15.0
0.8
26.0
17.0
9.4
22.5
0.8
3.3
18.5
16.5
8.5
15.0
0.8
26.0
18.0
10.3
22.5
0.8
3.9
26.0
16.4
7.0
22.5
0.8
26.0
20.5
11.0
22.5
0.8
4.7
26.0
17.0
7.5
22.5
0.8
26.0
21.5
12.0
22.5
0.8
5.6
26.0
17.5
8.3
22.5
0.8
31.0
21.0
11.8
27.5
0.8
6.8
26.0
18.5
9.0
22.5
0.8
31.0
22.4
13.0
27.5
0.8
8.2
26.0
20.0
10.0
22.5
0.8
31.0
23.5
14.3
27.5
0.8
10
26.0
21.0
11.5
22.5
0.8
31.0
25.8
15.9
27.5
0.8
MERITEK
Metallized Polyester
Film Capacitors-Reduced Size
DMPE-RS Series
(Radial Dipped)
Specifications are subject to change without notice.
rev.6a


Similar Part No. - DMPE106G2J-RS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
DMPE106G2J MERITEK-DMPE106G2J Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results

Similar Description - DMPE106G2J-RS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
102MTR102KA ILLINOISCAPACITOR-102MTR102KA_13 Datasheet
538Kb / 4P
   Reduced size Axial leaded metallized polyester film capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com