Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10XR223Z201BR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part No. AD10XR223Z201BR
Description  Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERITEK [MERITEK ELECTRONICS CORPORATION]
Homepage  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AD10XR223Z201BR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AD10XR223Z201BR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AD10XR223Z201BR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Axial Leaded, Epoxy Coated,
Multilayer Ceramic Capacitors
AD Series
 
Feature
Miniature size, wide capacitance, tape and reel
available for auto-placement.
Coating by epoxy resin, creates the excellent
humidity resistance and prevents body from
damaging during soldering and washing.
Industry standard sizes and various lead spacing
available.
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dimension
 
 
 
 
 
 
 
 
 
 
 
 
 
 
   PART NUMBERING SYSTEM 
 
AD
10
CG
104
Z
500  AR 
 
Meritek Series
 
  
 
 
Size 10 (.15”) / 20 (.2”) 
  
 
Dielectric  
CODE 
CG 
XR 
YV
 
NPO 
X7R 
Y5V
 
  
 
Capacitance Code 
CODE 
101 
104 
223
(pF) 
100 
100000 
22000
(F) 
‐‐‐ 
0.1 
0.022 
 
  
 
Tolerance  
CODE 
Z
 
±5% 
±10%
±20% 
+80% to –20%
 
  
 
Rated Voltage 
CODE 
500 
101 
201 
 
50V 
100V 
200V 
 
  
 
Packaging 
CODE 
AR 
BR
 
Axial Tape & Reel 
Axial Tape & Box
 
  
 


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn