Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10YV101Z201BR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part No. AD10YV101Z201BR
Description  Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERITEK [MERITEK ELECTRONICS CORPORATION]
Homepage  http://www.meritekusa.com
Logo 

AD10YV101Z201BR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Axial Leaded, Epoxy Coated,
Multilayer Ceramic Capacitors
AD Series
Electrical Characteristics
NPO
X7R
Y5V
Temperature Characteristic
0 ± 30 PPM/ºC, -55ºC ~ 125ºC
∆C ±15%, -55ºC ~ 125ºC
∆C -80% ~ +30%, -25ºC ~ 85ºC
Operating Temperature
Range
-55ºC to + 125ºC
-55ºC to +125ºC
-25ºC to +85ºC
Measuring Conditions for
Capacitance and D.F.
1 MHz, 1 Vrms
1 KHz, 1 Vrms
1 KHz, 0.5 Vrms
Dissipation Factor (D.F.)
0.1% Max.
2.5% Max.
3.0% Max.
Insulation Resistance
100G
10G
10G
Dielectric Withstanding
Voltage
3 X Rated Voltage
2.5 x Rated Voltage
2.5 x Rated Voltage
 
 
Package
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn