Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10XR101Z201BR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # AD10XR101Z201BR
Description  Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AD10XR101Z201BR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  AD10XR101Z201BR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AD10XR101Z201BR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Axial Leaded, Epoxy Coated,
Multilayer Ceramic Capacitors
AD Series
Electrical Characteristics
NPO
X7R
Y5V
Temperature Characteristic
0 ± 30 PPM/ºC, -55ºC ~ 125ºC
∆C ±15%, -55ºC ~ 125ºC
∆C -80% ~ +30%, -25ºC ~ 85ºC
Operating Temperature
Range
-55ºC to + 125ºC
-55ºC to +125ºC
-25ºC to +85ºC
Measuring Conditions for
Capacitance and D.F.
1 MHz, 1 Vrms
1 KHz, 1 Vrms
1 KHz, 0.5 Vrms
Dissipation Factor (D.F.)
0.1% Max.
2.5% Max.
3.0% Max.
Insulation Resistance
100G
10G
10G
Dielectric Withstanding
Voltage
3 X Rated Voltage
2.5 x Rated Voltage
2.5 x Rated Voltage
 
 
Package
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - AD10XR101Z201BR

ManufacturerPart #DatasheetDescription
logo
RFE international
AD10XR102C101A RFE-AD10XR102C101A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10XR102C251A RFE-AD10XR102C251A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10XR102C500A RFE-AD10XR102C500A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10XR102K101A RFE-AD10XR102K101A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10XR102K251A RFE-AD10XR102K251A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
More results

Similar Description - AD10XR101Z201BR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision: 10-Aug-06
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 16-Mar-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com