Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU40N03 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTU40N03
Description  TrenchFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU40N03 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTU40N03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTU40N03 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = - 50 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =1mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
012
345
67
8
910
TJ = 25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
40
80
120
160
200
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
Limited byRDS(on)*
BVDSS Limited
1ms
100 µs
10 ms
100 ms
1s
10 s
100 s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
D
www.
daysemi.jp


Similar Part No. - DTU40N03

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
DTU40N03 DOINGTER-DTU40N03 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTU40N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU90N03 DINTEK-DTU90N03 Datasheet
295Kb / 8P
   TrenchFET짰 Power MOSFET
DTU06N03 DINTEK-DTU06N03 Datasheet
318Kb / 9P
   TrenchFET짰 Gen III Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com