Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN10AX103KL Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CN10AX103KL
Description  Capacitor Networks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CN10AX103KL Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CN10AX103KL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPICATIONS
• Personal Computer
• Floppy Disk Drives
• OA Machine
• V.T.R
• Sequential machine
• TTL,CMOS,NMOS RMOS Interface circuits
CN Series
TC
ITEM
NPO
X7R
Z5U
Temperature
Coefficient
0 ±30 ppm /
oC
-55oC
to +125oC
±15%
-55oC
to +125oC
+22%, -56%
-55oC
to +85oC
Capacitance
Test 25
oC
1 Vrms
max. at 1 KHz
(1MHz for 100pF or less)
1 Vrms
max. at
1KHz
1 Vrms
max. at 1KHz
Dissipation
Factor 25
oC
0.15%
max. at 1KHz, 1Vrms
(1MHz for 100pF or less)
2.5%
max. at 1KHz,
1 Vrms
max.
5%
max. at 1 KHz,
1 Vrms
max.
Dielectric Strength
, 25oC
300% rated voltage for 5
sec. 500mA max.
250% rated voltage for 5 sec.
with 50mA max. charging
Life Test
(1000 hours)
< ±3% at 200% rated
voltage, 125oC
<
±12.5% at 200%
rated voltage, 125oC
<
±30% at 200%
rated voltage, 85oC
Insulation Resistance
25
oC
10,000 M min.
Rated Voltage
DC 25V, 50V, 100V
Capacitance Range
10pF
to 0.15μF
Tolerance
±5% to +80 / -20%
SPECIFICATIONS
MARKING
10
A
X
103
K
Pin No. 1
Indicator
No. Of Pins
Circuit
N: NPO
X: X7R
Z: Z5U
Capacitance Code
Tolerance
(Single-In Line, Low Profile)
PART NUMBERING SYSTEM
CN
10
X
103
K
L
Meritek Series
N
umber of Pins
Dielectric
CODE
N
X
Z
NPO
X7R
25U
Capacitance
Capacitance expressed in
pF. First two digits are significant figures. Third digit denotes number of zeros.
EX. 101:100
pF 223:22000pF or .022μF 104:100000pF or 0.1μF
Tolerance
CODE
J
K
M
Z
± 5%
±10%
± 20%
+80%, -20%
Voltage
CODE
L
M
H
25V
50V
100V
A
MERITEK
Capacitor Networks
Specifications are subject to change without notice.
rev.6


Similar Part No. - CN10AX103KL

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CN10 JAE-CN10 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB-M-0-R JAE-CN10-RB-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB1-M-0-R JAE-CN10-RB1-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RP-M-0 JAE-CN10-RP-M-0 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RRP-M-0-R JAE-CN10-RRP-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
More results

Similar Description - CN10AX103KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
   RESISTOR-CAPACITOR NETWORKS
logo
Panasonic Semiconductor
EZANPE101M PANASONIC-EZANPE101M Datasheet
193Kb / 5P
   Chip Capacitor Networks
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
   CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
KOA Speer Electronics, ...
CR2A10YTE KOA-CR2A10YTE Datasheet
90Kb / 8P
   Capacitor/Resistor Chip Networks
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
MRCN VISHAY-MRCN Datasheet
69Kb / 2P
   Resistor/Capacitor Networks, Molded SIP
Revision: 01-Aug-05
logo
Rohm
MNA14 ROHM-MNA14 Datasheet
118Kb / 9P
   Multi-layer ceramic chip capacitor networks
logo
Vishay Siliconix
VSSRC1284 VISHAY-VSSRC1284 Datasheet
107Kb / 4P
   25 Mil Pitch Resistor/Capacitor Networks
Revision: 01-Jul-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com