Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS2301 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2301
Description  High speed switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2301 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTS2301 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2301 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
DINDS0290EJ0400 Rev.4.00
Page 2 of 6
Mar 28, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
–20
V
ID = –10 mA, VGS = 0
V(BR)GSS
+8
V
IG = +100 A, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–12
V
IG = –100 A, VDS = 0
IGSS
+10
A
VGS = +6 V, VDS = 0
Gate to source leak current
IGSS
–10
A
VGS = –10 V, VDS = 0
Drain to source leak current
IDSS
–1
A
VDS = –20 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–0.5
–1.5
V
VDS = –10 V, ID = –1 mA
RDS(on)
68
98
m
ID = –1.8 A, VGS = –4.5 VNote3
Drain to source on state resistance
RDS(on)
95
115
m
ID = –1.8 A, VGS = –2.5 VNote3
Forward transfer admittance
|yfs|
4.5
6.5
S
ID = –1.8 A, VDS = –10 VNote3
Input capacitance
Ciss
597
pF
Output capacitance
Coss
149
pF
Reverse transfer capacitance
Crss
93
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn - on delay time
td(on)
18
ns
Rise time
tr
43
ns
Turn - off delay time
td(off)
37
ns
Fall time
tf
12
ns
ID = –1.8 A
VGS = –4.5 V
RL = 5.5 
Rg = 4.7 
Total gate charge
Qg
6.3
nC
Gate to source charge
Qgs
1.1
nC
Gate to drain charge
Qgd
2.5
nC
VDD = –10 V
VGS = –4.5 V
ID = –3.8 A
Body - drain diode forward voltage
VDF
–0.85
–1.1
V
IF = –3.8 A, VGS = 0 Note3
Notes: 3. Pulse test


Similar Part No. - DTS2301

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2301S DINTEK-DTS2301S Datasheet
417Kb / 9P
   P-Channel 20 V (D-S) 175 MOSFET
DTS2301S DINTEK-DTS2301S Datasheet
2Mb / 9P
   P-Channel 20 V (D-S) 175 C MOSFET Halogen-free
DTS2301S DINTEK-DTS2301S_13 Datasheet
2Mb / 9P
   P-Channel 20 V (D-S) 175 C MOSFET Halogen-free
More results

Similar Description - DTS2301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com