Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS2300A Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2300A
Description  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2300A Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTS2300A Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2300A Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
20
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
0.4
0.6
1
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 20 V
-
-
1
μA
VGS = 0 V
VDS = 20 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 20 V, TJ = 175 °C
-
-
150
On-State Drain Currenta
ID(on)
VGS = 4.5 V
VDS5 V
10
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V
ID = 5 A
-
0.024
0.030
VGS = 4.5 V
ID = 5 A, TJ = 125 °C
-
-
0.045
VGS = 4.5V
ID = 5 A, TJ = 175 °C
-
-
0.054
VGS = 2.5 V
ID = 4 A
-
0.027
0.034
VGS = 1.5 V
ID = 2 A
-
0.034
0.042
Forward Transconductanceb
gfs
VDS = 15 V, ID = 5 A
-
27
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 10 V, f = 1 MHz
-
387
485
pF
Output Capacitance
Coss
-
80
100
Reverse Transfer Capacitance
Crss
-37
46
Total Gate Chargec
Qg
VGS = 4.5 V
VDS = 10 V, ID = 5 A
-4.5
8.5
nC
Gate-Source Chargec
Qgs
-0.4
-
Gate-Drain Chargec
Qgd
-0.7
-
Gate Resistance
Rg
f = 1 MHz
6
12
18
Turn-On Delay Timec
td(on)
VDD = 10 V, RL = 2.5 
ID  4 A, VGEN = 4.5 V, Rg = 1 
-7
11
ns
Rise Timec
tr
-8
12
Turn-Off Delay Timec
td(off)
-21
32
Fall Timec
tf
-9
14
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
24
A
Forward Voltage
VSD
IF = 5 A, VGS = 0 V
-
0.75
1.2
V
DTS
www.
daysemi.jp


Similar Part No. - DTS2300A

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300A DINTEK-DTS2300A Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTS2300A DINTEK-DTS2300A_13 Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS2300A

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com