Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCNPO333S25V2B1 Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO333S25V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO333S25V2B1 Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO333S25V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO333S25V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO333S25V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO333S25V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO333S25V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO333S25V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
CC Series
Temperature Coefficient (+25
oC to 85oC)
EIA Code
RS-198
Material
Coefficient
0.5-2pF
2.1-3.9pF
4.0-9.9pF
10pF UP
C0
NP0
K (
±250)
J (
±120)
H (
±60)
G (
±30)
S1
N030
K (
±250)
J (
±120)
H (
±60)
G (
±30)
U1
N080
K (
±250)
J (
±120)
H (
±60)
G (
±30)
P2
N150
K (
±250)
J (
±120)
H (
±60)
G (
±30)
R2
N220
K (
±250)
J (
±120)
H (
±60)
G (
±30)
S2
N330
K (
±250)
J (
±120)
H (
±60)
H (
±60)
T2
N470
K (
±250)
J (
±120)
J (
±60)
H (
±60)
U2
N750
K (
±250)
J (
±120)
J (
±60)
J (
±120)
P3
N1500
K (
±250)
K (
±250)
K (
±250)
K (
±250)
SL
P350-N1000
EIA TEMPERATURE CHARACTERISTIC CHART
First Digit is
Low Temperature
Second Digit is
High Temperature
Last Digit is
Capacitance Change Over Temperature
Range From +25
oC Reading
X
–55
oC
4
+65
oC
A
±1.0%
Y
–30
oC
5
+85
oC
B
±1.5%
Z
–10
oC
6
+105
oC
C
±2.2%
7
+125
oC
D
±3.3%
8
+150
oC
E
±4.7%
F
±7.5%
P
±10%
R
±15%
S
±22%
T
+22/-33%
U
+22/-56%
V
+22/-82%


Similar Part No. - CCNPO333S25V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO333S25V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com