Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS03K16 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTS03K16
Description  N-Channel16 ?뭋 (D?뭆) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS03K16 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTS03K16 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS03K16 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient (TO-236, DTS03K16 Only)
Square Wave Pulse Duration (sec)
Safe Operating Area (TO-236, DTS03K16 Only)
VDS − Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
100
0.001
1
1 ms
0.01
TA = 25_C
Single Pulse
10 ms
100 ms
dc
1 s
10 s
Safe Operating Area (TO-226AA, DTS03K16A Only)
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
VDS − Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
100
0.001
1
1 ms
0.01
TA = 25_C
Single Pulse
10 ms
100 ms
dc
1 s
10 s
ID(on)
Limited
IDM
Limited
rDS(on) Limited
IDM
Limited
BVDSS Limited
DTS
www.
daysemi.jp


Similar Part No. - DTS03K16

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS03K16 DINTEK-DTS03K16 Datasheet
1Mb / 8P
   N-Channel 16V (D?뭆) MOSFET TrenchFET Power MOSFET
DTS03K16 DINTEK-DTS03K16_13 Datasheet
1Mb / 8P
   N-Channel 16V (D?뭆) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTS03K16

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS03K16 DINTEK-DTS03K16_13 Datasheet
1Mb / 8P
   N-Channel 16V (D?뭆) MOSFET TrenchFET Power MOSFET
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B_14 Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
MC14043B ONSEMI-MC14043B_05 Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
NLV14044B ONSEMI-NLV14044B Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
logo
Xian Semipower Electron...
SW3N10 SEMIPOWER-SW3N10 Datasheet
535Kb / 5P
   N-channel D-PAK MOSFET
logo
Shenzhen Foster Semicon...
FIR5N50FG FOSTER-FIR5N50FG Datasheet
3Mb / 8P
   N-Channel Power MOSFET-D
logo
ZP Semiconductor
CJND8804 ZPSEMI-CJND8804 Datasheet
1,021Kb / 2P
   D ual N-Channel MOSFET
CJL8820 ZPSEMI-CJL8820 Datasheet
1Mb / 3P
   D ual N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJS8205 JIANGSU-CJS8205 Datasheet
1Mb / 5P
   D ual N-channel MOSFET
logo
ZP Semiconductor
CJND2007 ZPSEMI-CJND2007 Datasheet
959Kb / 2P
   D ual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com