Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU4N60 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTU4N60
Description  Reduced Gate Drive Requirement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU4N60 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTU4N60 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU4N60 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.70
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = 20
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
100
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
500
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 3.7 Ab
--
1.2
Forward Transconductance
gfs
VDS = 100 V, ID = 3.7 Ab
3.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V
f = 1.0 MHz, see fig. 5
-
1100
-
pF
Output Capacitance
Coss
-
140
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 10 V
ID = 4 A, V DS = 360 V,
see fig. 6 and 13b
--
39
nC
Gate-Source Charge
Qgs
--
10
Gate-Drain Charge
Qgd
--
19
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 4 A
Rg = 9.1 , RD = 47, see fig. 10b
-12
-
ns
Rise Time
tr
-20
-
Turn-Off Delay Time
td(off)
-27
-
Fall Time
tf
-17
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
4.0
A
Pulsed Diode Forward Currenta
ISM
--
25
Body Diode Voltage
VSD
TJ = 25 °C, IS = 4 A, V GS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 4 A, dI/dt = 100 A/μs b
-
440
680
ns
Body Diode Reverse Recovery Charge
Qrr
-2.1
3.2
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
D
www.
daysemi.jp


Similar Part No. - DTU4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU4N60 DINTEK-DTU4N60 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
logo
SHENZHEN DOINGTER SEMIC...
DTU4N60 DOINGTER-DTU4N60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTU4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60_13 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
logo
Advanced Power Electron...
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP3405GH-HF A-POWER-AP3405GH-HF Datasheet
98Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4963GEM-HF A-POWER-AP4963GEM-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP70T03GJ-HF A-POWER-AP70T03GJ-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9435GK-HF A-POWER-AP9435GK-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9563GH-HF A-POWER-AP9563GH-HF Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com