Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTP4N60 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTP4N60
Description  Reduced Gate Drive Requirement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTP4N60 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTP4N60 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
R
g
IAS
0.01
Ω
tp
D.U.T.
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
1200
0
200
400
600
800
1000
25
150
125
100
75
50
Starting TJ, Junction Temperature (°C)
Bottom
Top
I
D
1.8 A
2.9 A
4 A
V
DD = 50 V
91114_12c
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
D
www.
daysemi.jp


Similar Part No. - DTP4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
DTP4N60F DINTEK-DTP4N60F Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
DTP4N60 DINTEK-DTP4N60_13 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
More results

Similar Description - DTP4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60_13 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
logo
Advanced Power Electron...
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP3405GH-HF A-POWER-AP3405GH-HF Datasheet
98Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4963GEM-HF A-POWER-AP4963GEM-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP70T03GJ-HF A-POWER-AP70T03GJ-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9435GK-HF A-POWER-AP9435GK-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9563GH-HF A-POWER-AP9563GH-HF Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com